Electronic Components Datasheet Search
  English  ▼

X  

MAX5322 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5322 Datasheet HTML 1Page - Maxim Integrated Products MAX5322 Datasheet HTML 2Page - Maxim Integrated Products MAX5322 Datasheet HTML 3Page - Maxim Integrated Products MAX5322 Datasheet HTML 4Page - Maxim Integrated Products MAX5322 Datasheet HTML 5Page - Maxim Integrated Products MAX5322 Datasheet HTML 6Page - Maxim Integrated Products MAX5322 Datasheet HTML 7Page - Maxim Integrated Products MAX5322 Datasheet HTML 8Page - Maxim Integrated Products MAX5322 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS, SHDN, UNI/BIPA, UNI/BIPB, CLR, LDAC)
+2.7V
≤ VCC ≤ +3.6V
0.7 x VCC
Input Voltage High
VIH
+4.5V
≤ VCC ≤ +5.5V
2.4
V
+2.7V
≤ VCC ≤ +3.6V
0.8
Input Voltage Low
VIL
+4.5V
≤ VCC ≤ +5.5V
0.8
V
+2.7V
≤ VCC ≤ +3.6V
10
Input Capacitance
C
+4.5V
≤ VCC ≤ +5.5V
10
pF
0
≤ all digital inputs ≤ VCC,
+2.7V
≤ VCC ≤ +3.6V
±1
Input Current (Note 1)
0
≤ all digital inputs ≤ VCC,
+4.5V
≤ VCC ≤ +5.5V
±1
µA
DIGITAL OUTPUT (DOUT)
Output Voltage High
VOH
ISOURCE = 2mA
VCC -
0.5
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
Tri-State Leakage Current
0.1
µA
Tri-State Capacitance
10
pF
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
2.5
V/µs
Output Settling Time
To
±0.5 LSB of full scale, code 000 to
code FFF
10
µs
Digital Feedthrough
CS = high, fSCLK = 10MHz, VOUT = 0V
10
nV-s
DAC-to-DAC Crosstalk
2.5
nV-s
Output-Noise Spectral Density at
10kHz
130
nV/
√Hz
POWER SUPPLIES
Positive Analog-Supply Voltage
VDD
10.80
15.75
V
Negative Analog-Supply Voltage
VSS
-10.80
-15.75
V
Positive Digital-Supply Voltage
VCC
2.7
5.5
V
Positive Analog-Supply Current
IDD
Output unloaded, VOUT = 0
2.8
8
mA
Negative Analog-Supply Current
ISS
Output unloaded, VOUT = 0
-1.5
-8
mA
Digital-Supply Current
ICC
All digital inputs = 0 or VCC
200
µA
Positive analog supply
0.0006
Power-Supply Rejection Ratio
(Note 2)
PSRR
Negative analog supply
0.03
LSB/V
Positive analog supply
2.8
50
Negative analog supply
4
50
Shutdown Current
Digital supply
4
10
µA
ELECTRICAL CHARACTERISTICS (DUAL SUPPLY) (continued)
(VDD = +15V ±5%, VSS = -15V ±5%, VCC = +5V ±10%, AGND = DGND = SGND_ = 0V, VREF_ = 5V, RLOAD = 2k
Ω, CLOAD = 250pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com