Electronic Components Datasheet Search
  English  ▼

X  

MAX5322 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5322 Datasheet HTML 10Page - Maxim Integrated Products MAX5322 Datasheet HTML 11Page - Maxim Integrated Products MAX5322 Datasheet HTML 12Page - Maxim Integrated Products MAX5322 Datasheet HTML 13Page - Maxim Integrated Products MAX5322 Datasheet HTML 14Page - Maxim Integrated Products MAX5322 Datasheet HTML 15Page - Maxim Integrated Products MAX5322 Datasheet HTML 16Page - Maxim Integrated Products MAX5322 Datasheet HTML 17Page - Maxim Integrated Products MAX5322 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
and isolate the shift register from the DAC registers.
The DAC registers control the DAC ladder and thus the
output voltage. Any update to a DAC register updates
the respective output voltage.
Data in the shift register is transferred to the input regis-
ters during the appropriate software command only.
Data in the input registers is transferred to the DAC
registers in two ways: using the software command, or
through external logic control using the asynchronous
load input (LDAC). Table 2 shows the software com-
mands that transfer the data from the shift register to
the input and/or DAC registers. The CLR, an external
logic control, asynchronously forces all outputs to 0V, in
both unipolar and bipolar modes. Interface timing is
shown in Figures 2 and 3.
Wait a minimum of 100ns after CS goes high before
implementing LDAC or CLR. If either of these logic
inputs activates during a data transfer, the incoming
data is corrupted and needs to be reloaded. For soft-
ware control only, tie LDAC and CLR high.
DAC Architecture
The MAX5322 uses an inverted DAC ladder architec-
ture to convert the digital input into an analog output
voltage. The digital input controls weighted switches
that connect the DAC-ladder nodes to either REFA
(REFB) or GND (Figure 4). The sum of the weights pro-
duces the analog equivalent of the digital-input word
and is then buffered at the output.
External Reference and Transfer
Functions
Connect an external reference of 2V to 5.25V to REFA
and REFB. Set the output voltage range with the refer-
ence and the input code by using the equations below.
Unipolar output voltage:
V
LSB
CODE
OUT UNI
UNI
_
=×
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
14
______________________________________________________________________________________
SCLK
DIN
COMMAND EXECUTED
9
8
16
(1)
1
C2
C3
D0
C1
C0
D11
D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
CS
Figure 2. Serial-Interface Signals
SCLK
DIN
DOUT
tCS0
tCSS
tCP
tCSH
tCS1
tCSW
tCSD
tLDS
tLD
tCH
tDS
tCSE
tDO1
tDH
tCL
MSB
LSB
CS
LDAC
Figure 3. Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com