Electronic Components Datasheet Search
  English  ▼

X  

CDB42406 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB42406
Description  Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42406 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB42406 Datasheet HTML 1Page - Cirrus Logic CDB42406 Datasheet HTML 2Page - Cirrus Logic CDB42406 Datasheet HTML 3Page - Cirrus Logic CDB42406 Datasheet HTML 4Page - Cirrus Logic CDB42406 Datasheet HTML 5Page - Cirrus Logic CDB42406 Datasheet HTML 6Page - Cirrus Logic CDB42406 Datasheet HTML 7Page - Cirrus Logic CDB42406 Datasheet HTML 8Page - Cirrus Logic CDB42406 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Copyright
 Cirrus Logic, Inc. 2003
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CDB42406
Evaluation Board For CS42406
Features
Single-ended analog inputs and outputs
CS8406 S/PDIF digital audio transmitter
CS8416 S/PDIF digital audio receiver
Header for optional external configuration of
CS42406
Header for external DSP serial audio I/O
3.3 V to 5.0 V Logic Interface
14 Pre-defined Board Setup Options
Demonstrates recommended layout and
grounding arrangements
Windows compatible software interface to
configure CS42406 and intra-board
connections
ORDERING INFORMATION
CDB42406
Evaluation Board
Description
The CDB42406 demonstration board is an excellent
means for evaluating the CS42406 CODEC. Evaluation
requires an analog/digital signal source and analyzer,
and power supplies. Optionally, a Windows PC compat-
ible computer may be used to evaluate the CS42406
DAC in control port mode.
System timing can be provided by the CS42406, by the
CS8416 phase-locked to its S/PDIF input, by an I/O
stake header or by an on-board oscillator. RCA phono
jacks are provided for the CS42406 analog outputs and
inputs. Digital data I/O is available via RCA phono or op-
tical connectors to the CS8416 and CS8406. 14 pre-
defined board setup options are selectable using a 4-po-
sition DIP switch.
The Windows software provides a GUI to make configu-
ration of the DAC easy. The software communicates
through the PC’s parallel port to configure the control
port registers so that all features of the CS42406 can be
evaluated. The evaluation board may also be configured
to accept external timing and data signals for operation
in a user application during system development.
I
CS42406
2-Ch.
Single-Ended
A nalog Inputs
DAC Control Port
C S8406 S/PD IF
T ransm itter
C S8416 S/PDIF
Receiver
D SP I/O Header
M aster Cloc k*
S/P DIF
Output
S/P D IF
Input
CP LD
Clock/Data
Router
*M as ter Clock is selec table between one of the following:
1) S/PDIF R eceiver,
2) C rystal oscillator, or
3) D SP I/O Header.
All s elections are buffered.
Crystal
Osc illator
6-C h.
Single-Ended
A nalog Outputs
PCM Clock/
Data
I
2C/SPI
Board
Setup
DAC /A D C
Setup
AUG ‘03
DS614DB1


Similar Part No. - CDB42406

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB42416 CIRRUS-CDB42416 Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CDB42418 CIRRUS-CDB42418 Datasheet
1Mb / 67P
110 dB, 192kHz 8-Ch CODEC WITH PLL
CDB42426 CIRRUS-CDB42426 Datasheet
1Mb / 67P
114 dB, 192kHz 6-Ch CODEC WITH PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 67P
114 dB, 192kHz 8-Ch CODEC WITH PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
110 dB, 192 kHz 6-Ch Codec with PLL
More results

Similar Description - CDB42406

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com