Electronic Components Datasheet Search
  English  ▼

X  

CDB42406 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB42406
Description  Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42406 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB42406 Datasheet HTML 1Page - Cirrus Logic CDB42406 Datasheet HTML 2Page - Cirrus Logic CDB42406 Datasheet HTML 3Page - Cirrus Logic CDB42406 Datasheet HTML 4Page - Cirrus Logic CDB42406 Datasheet HTML 5Page - Cirrus Logic CDB42406 Datasheet HTML 6Page - Cirrus Logic CDB42406 Datasheet HTML 7Page - Cirrus Logic CDB42406 Datasheet HTML 8Page - Cirrus Logic CDB42406 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CDB42406
4
1. SYSTEM OVERVIEW
The CDB42406 demonstration board is an excellent means for evaluating the CS42406 stereo
CODEC. Analog and digital audio signal interfaces are provided, as well as a DB-25 computer
parallel port interface for use with the supplied Windows configuration software.
The CDB42406 schematic set has been partitioned into 10 pages and is shown in Figures 16
through 25.
1.1
CS42406 Audio CODEC
A complete description of the CS42406 is included in the CS42406 product data sheet.
1.2
CS8406 Digital Audio Transmitter
The operation of the CS8406 transmitter (see Figure 18) and a discussion of the digital audio
interface are included in the CS8406 data sheet.
The CS8406 converts the PCM data generated by the CS42406 to the standard S/PDIF data
stream. The CS8406 operates in slave mode and only accepts a 256Fs master clock on the
OMCK input pin. The serial audio input data for the CS8406 is received from the serial audio
output of the CS42406. Digital Interface format selection of either Left Justified or I2S can be
made via the I2S/LJ position on switch S3 (see Table 2 for switch control options).
1.3
CS8416 Digital Audio Receiver
The operation of the CS8416 receiver (see Figure 17) and a discussion of the digital audio
interface are included in the CS8416 data sheet.
The CS8416 converts the input S/PDIF data stream into PCM data for the CS42406. The
CS8416 operates in master mode only. Digital Interface format selection of either Left Justi-
fied or I2S can be made via the I2S or LJ position on S1(see Table 2 for switch control op-
tions).
The CS8416 contains an internal input multiplexer which must be set to receive the appropri-
ate stream from the Optical or Coaxial input connector. This is done via the Coaxial or
Optical position on switch S1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com