Electronic Components Datasheet Search
  English  ▼

X  

CDB42406 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CDB42406
Description  Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42406 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CDB42406 Datasheet HTML 11Page - Cirrus Logic CDB42406 Datasheet HTML 12Page - Cirrus Logic CDB42406 Datasheet HTML 13Page - Cirrus Logic CDB42406 Datasheet HTML 14Page - Cirrus Logic CDB42406 Datasheet HTML 15Page - Cirrus Logic CDB42406 Datasheet HTML 16Page - Cirrus Logic CDB42406 Datasheet HTML 17Page - Cirrus Logic CDB42406 Datasheet HTML 18Page - Cirrus Logic CDB42406 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
CDB42406
15
1.8
Stand-Alone Control
Switches S1-S4 allow signal routing and configuration of the CDB42406. Switch S1 controls
the interface format of the CS8416 and allows selection between the OPTICAL and COAXIAL
S/PDIF inputs. The DAC portion of the CS42406 may operate in either stand-alone (config-
ured using switch S2) or control port mode (configured via the PC Parallel Port through a
graphical user interface). The ADC portion of the CS42406 operates in stand-alone mode at
all times and must be configured using switch S3. Switch S4 controls the routing of all clocks
and data. See section 1.7 for a list of the various stand-alone options available. After setting
any of these switches, the user must assert a reset by pressing the RESET button (S5).
Operation in stand-alone mode requires the parallel port cable to remain disconnected from
the DB-25 connector (J24). Connecting a cable to the connector will enable the PC control
port, automatically disabling various controls on switch S2.
1.9
PC Parallel Port Control
A graphical user interface is included with the CDB42406 to allow easy manipulation of the
DAC registers of the CS42406. Connecting a cable to the DB-25 connector (J24) will enable
the PC control port, automatically disabling various controls on switch S2.
1.10 External Control Headers
The evaluation board has been designed to allow interfacing with external systems via the
headers J15 and J26.
The 32-pin header, J15, provides access to the serial audio signals required to interface with
a DSP (see Figure 24). These signals are routed based on the setting of switch S4. See
“CPLD Board Setup” in section 1.7 for various setup options for DSP routing.
The 6-pin header, J26, allows the user bidirectional access to the SPI/I2C control signals. The
signals on J26 default to outputs. When a cable is connected to the DB-25 connector (J24),
the header (J26) may be used as an input. In this case, the control signals on J26 are routed
to the corresponding control pins on the CS42406 and external control signals may be ap-
plied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com