Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 32 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA780X Datasheet HTML 28Page - Texas Instruments INA780X Datasheet HTML 29Page - Texas Instruments INA780X Datasheet HTML 30Page - Texas Instruments INA780X Datasheet HTML 31Page - Texas Instruments INA780X Datasheet HTML 32Page - Texas Instruments INA780X Datasheet HTML 33Page - Texas Instruments INA780X Datasheet HTML 34Page - Texas Instruments INA780X Datasheet HTML 35Page - Texas Instruments INA780X Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
8.4.2 Layout Example
2
Address Lines A1, A0 via to connect
directly to VS, GND, SDA, or SCL to set
device address
Device Bypass Capcitor
I2C bus connections for clock and data
(pullup resistors not shown)
TI Device
IS+
IS
Place vias connecting to inner or bottom
layers as close as possible to the
device. The number of vias required
depends on operational current and
ambient conditions
(1) All vias close to the pin pads should be tented.
(2) All Vias are either 8 mil/18 mil or 15 mil/25 mil with a 5 mill annular ring.
(3) The distance between the IS+ and IS- power pours is 8 mil.
Figure 8-3. INA780x Layout Example
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com