Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 34 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA780X Datasheet HTML 30Page - Texas Instruments INA780X Datasheet HTML 31Page - Texas Instruments INA780X Datasheet HTML 32Page - Texas Instruments INA780X Datasheet HTML 33Page - Texas Instruments INA780X Datasheet HTML 34Page - Texas Instruments INA780X Datasheet HTML 35Page - Texas Instruments INA780X Datasheet HTML 36Page - Texas Instruments INA780X Datasheet HTML 37Page - Texas Instruments INA780X Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
6.1
5.9
6.1
5.9
1.0
0.8
0.05
0.00
2X 2.4
.000 PKG
0
1.65
2X 0.35
2X 0.25
0.85
2X 1.45
2X 2.4
0.95
1.4 0.1
1.4 0.1
10X 0.35
0.25
4X 0.45
0.35
9X 0.35
0.25
13X 0.6
0.4
(0.1) TYP
(0.4) TYP
4X (0.3)
VQFN - 1 mm max height
DEK0015A
PLASTIC QUAD FLAT PACK - NO LEAD
4228519/B 04/2022
PIN
NUMBER
LEAD SIZE
LEAD WIDTH LEAD LENGTH
1, 6, 8 & 14
0.35 - 0.45
0.40 - 0.60
2 - 5 & 9 - 12
0.25 - 0.35
0.40 - 0.60
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
1
7
8
9
14
15
0.1
C A B
0.05
C
0.1
C A B
0.05
C
A
B
C
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com