Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 10 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA780X Datasheet HTML 6Page - Texas Instruments INA780X Datasheet HTML 7Page - Texas Instruments INA780X Datasheet HTML 8Page - Texas Instruments INA780X Datasheet HTML 9Page - Texas Instruments INA780X Datasheet HTML 10Page - Texas Instruments INA780X Datasheet HTML 11Page - Texas Instruments INA780X Datasheet HTML 12Page - Texas Instruments INA780X Datasheet HTML 13Page - Texas Instruments INA780X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Ambient Temperature (°C)
-20
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
50
60
70
80
90
100
110
Figure 7-1. Maximum Continuous Shunt Current vs Ambient Temperature
Even though the shunt can withstand currents greater than 75 A, the current measurement capability is limited
by ADC full scale range of 78.64 A. The ADC full scale range is also a function of temperature (see Figure 8-1).
In applications with overcurrent transients, the peak amplitude and duration of the overcurrent event is important
to determine the device heating. Figure 7-2 shows the peak pulse current versus pulse duration that the device
can withstand before the maximum junction temperature of 165°C is exceeded. The data shown in this curve
was collected at TA = 25°C, using the INA780x evaluation module (SENS119E0).
Pulse Duration (s)
0.2
1
10
100
1000
80
100
120
140
160
180
200
Figure 7-2. Maximum Pulse Current vs Pulse Duration (Single Event)
7.3.3 Versatile High Voltage Measurement Capability
The INA780x operates off a 2.7 V to 5.5 V supply but can measure voltage and current on rails as high as
85 V. The current is measured by sensing the voltage drop across an internal shunt resistor. The input stage
of the INA780x is designed such that the input common-mode voltage can be higher than the device supply
voltage, VS. The common-mode voltage range at the inputs is -0.1 V to +85 V to support both high-side and
low-side current measurements. There are no special considerations for power-supply sequencing because the
common-mode input range and device supply voltage are independent of each other; therefore the bus voltage
can be present with the supply voltage off (and vice-versa) without damaging the device.
The device also measures the bus supply voltage through the VBUS pin and temperature through the integrated
temperature sensor. The voltage drop across the internal shunt resistor is measured by the IN+ and IN– pins,
while the bus voltage is measured with respect to device ground. Monitored bus voltages can range from 0 V to
85 V, while monitored temperatures can range from –40°C to +165°C.
Shunt voltage, bus voltage, and internal temperature measurements are multiplexed internally to a single ADC
(see Figure 7-3).
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com