Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 6 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA780X Datasheet HTML 2Page - Texas Instruments INA780X Datasheet HTML 3Page - Texas Instruments INA780X Datasheet HTML 4Page - Texas Instruments INA780X Datasheet HTML 5Page - Texas Instruments INA780X Datasheet HTML 6Page - Texas Instruments INA780X Datasheet HTML 7Page - Texas Instruments INA780X Datasheet HTML 8Page - Texas Instruments INA780X Datasheet HTML 9Page - Texas Instruments INA780X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
at TA = 25 °C, VS = 3.3 V, ISENSE = 0 A, VCM = VIN– = VBUS= 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCT
ADC conversion-time(1)
Conversion time field = 0h
50
µs
Conversion time field = 1h
84
Conversion time field = 2h
150
Conversion time field = 3h
280
Conversion time field = 4h
540
Conversion time field = 5h
1052
Conversion time field = 6h
2074
Conversion time field = 7h
4120
INL
Integral Non-Linearity
Internal ADC
±2
m%
DNL
Differential Non-Linearity
Internal ADC
0.2
LSB
CLOCK SOURCE
FOSC
Internal oscillator frequency
1
MHz
OSCTOL
Internal oscillator frequency
tolerance
TA = 25°C
±0.5
%
TA = –40°C to +125°C
±1
%
TEMPERATURE SENSOR
Measurement range
–40
+165
°C
Temperature accuracy
TA = 25°C
±0.15
±1.5
°C
TA= –40°C to +125°C
±0.2
±2.5
°C
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com