Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 8 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA780X Datasheet HTML 4Page - Texas Instruments INA780X Datasheet HTML 5Page - Texas Instruments INA780X Datasheet HTML 6Page - Texas Instruments INA780X Datasheet HTML 7Page - Texas Instruments INA780X Datasheet HTML 8Page - Texas Instruments INA780X Datasheet HTML 9Page - Texas Instruments INA780X Datasheet HTML 10Page - Texas Instruments INA780X Datasheet HTML 11Page - Texas Instruments INA780X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
6.6 Timing Requirements (I2C)
MIN
NOM
MAX
UNIT
I2C BUS (FAST MODE)
F(SCL)
I2C clock frequency
1
400
kHz
t(BUF)
Bus free time between STOP and START conditions
600
ns
t(HDSTA)
Hold time after a repeated START condition. After this period, the first
clock is generated.
100
ns
t(SUSTA)
Repeated START condition setup time
100
ns
t(SUSTO)
STOP condition setup time
100
ns
t(HDDAT)
Data hold time
10
900
ns
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1300
ns
t(HIGH)
SCL clock high period
600
ns
tF
Data fall time
300
ns
tF
Clock fall time
300
ns
tR
Clock rise time
300
ns
I2C BUS (HIGH-SPEED MODE)
F(SCL)
I2C clock frequency
10
2940
kHz
t(BUF)
Bus free time between STOP and START conditions
160
ns
t(HDSTA)
Hold time after a repeated START condition. After this period, the first
clock is generated.
100
ns
t(SUSTA)
Repeated START condition setup time
100
ns
t(SUSTO)
STOP condition setup time
100
ns
t(HDDAT)
Data hold time
10
125
ns
t(SUDAT)
Data setup time
20
ns
t(LOW)
SCL clock low period
200
ns
t(HIGH)
SCL clock high period
60
ns
tF
Data fall time
80
ns
tF
Clock fall time
40
ns
tR
Clock rise time
40
ns
6.7 Timing Diagram
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
Figure 6-1. I2C Timing Diagram
INA780A, INA780B
SBOSAB6 – JULY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com