Electronic Components Datasheet Search
  English  ▼

X  

INA780X Datasheet(PDF) 5 Page - Texas Instruments

Part # INA780X
Description  INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA780X Datasheet(HTML) 5 Page - Texas Instruments

  INA780X Datasheet HTML 1Page - Texas Instruments INA780X Datasheet HTML 2Page - Texas Instruments INA780X Datasheet HTML 3Page - Texas Instruments INA780X Datasheet HTML 4Page - Texas Instruments INA780X Datasheet HTML 5Page - Texas Instruments INA780X Datasheet HTML 6Page - Texas Instruments INA780X Datasheet HTML 7Page - Texas Instruments INA780X Datasheet HTML 8Page - Texas Instruments INA780X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
6.5 Electrical Characteristics
at TA = 25 °C, VS = 3.3 V, ISENSE = 0 A, VCM = VIN– = VBUS= 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection
–0.1 V ≤ VCM ≤ 85 V, TA = –40°C to
+125°C
A devices
±50
±250
µA/V
B devices
±1
±2.5
mA/V
Ios
Input offset current
TCT > 280 µs
A devices
±3.75
±12.5
mA
B devices
±30
±125
mA
dVos/dT Input offset current drift
TA = –40°C to +125°C
±5
±50 µA/°C
PSRR
Input offset current vs power supply VS = 2.7 V to 5.5 V, TA = –40°C to +125°C
±0.2
±6
mA/V
Vos_bus VBUS offset voltage
±2
±10
mV
dVos/dT VBUS offset voltage drift
TA = –40°C to +125°C
A devices
±8
±40 µV/°C
B devices
±20
±100 µV/°C
PSRR
VBUS offset voltage vs power supply VS = 2.7 V to 5.5 V
±1.1
3
mV/V
DC ACCURACY
GSERR
System current sense gain error
VCM = 24 V, ISENSE = ±50 A,
TA = 25°C
A devices
±0.2
±0.75
%
GSERR
System current sense gain error
VCM = 24 V, ISENSE = ±50 A,
TA = 25°C
B devices
±0.4
±1.25
%
GS_DRFT
System current sense gain error
drift
–40°C ≤ TA ≤ 125°C
A devices
±25
ppm/°C
B devices
±25
ppm/°C
GBERR
VBUS voltage gain error
VBUS = 0.1 V to 85 V, TA = 25°C
A devices
±0.01
±0.1
%
VBUS = 0.1 V to 85 V,
–40°C ≤ TA ≤ 125°C
±0.01
±0.35
%
VBUS = 0.1 V to 85 V, TA = 25°C
B devices
±0.01
±0.3
%
VBUS = 0.1 V to 85 V,
–40°C ≤ TA ≤ 125°C
±0.01
±0.8
%
GB_DRFT VBUS voltage gain error drift
–40°C ≤ TA ≤ +125°C
A devices
±25 ppm/°C
B devices
±50 ppm/°C
ZBUS
VBUS pin input impedance
Device enabled with active conversions
1
MΩ
PTME
Power total measurement error
(TME)
TA = 25°C, at full scale
A devices
±0.85
%
B devices
±1.55
%
ETME
Energy and charge TME
TA = 25°C, at full scale
A devices
±1.35
%
B devices
±2.05
%
ADC resolution
16
Bits
1 LSB step size
Current
2.4
mA
Bus voltage
3.125
mV
Temperature
125
m°C
Power
480
µW
Energy
7.68
mJ
Charge
150
µC
www.ti.com
INA780A, INA780B
SBOSAB6 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA780A INA780B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com