Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV709 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments TLV709 Datasheet HTML 17Page - Texas Instruments TLV709 Datasheet HTML 18Page - Texas Instruments TLV709 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
8.2.2.4 Reverse Current
Excessive reverse current can damage this device. Reverse current flows through the intrinsic body diode of the
PMOS pass transistor instead of the normal conducting channel. At high magnitudes, this current flow degrades
the long-term reliability of the device.
Conditions where reverse current can occur are outlined in this section, all of which can exceed the absolute
maximum rating of VOUT ≤ VIN + 0.3 V. These conditions are:
• If the device has a large COUT and the input supply collapses with little or no load current
• The output is biased when the input supply is not established
• The output is biased above the input supply
If reverse current flow is expected in the application, use external protection to protect the device. Reverse
current is not limited in the device, so external limiting is required if extended reverse voltage operation is
anticipated. Limit reverse current to 5% or less of the rated output current of the device in the event this current
cannot be avoided.
Figure 8-3 shows one approach for protecting the device.
IN
OUT
GND
CIN
GND
GND
COUT
GND
Internal Body Diode
Schottky Diode
Figure 8-3. Example Circuit for Reverse Current Protection Using a Schottky Diode
8.2.2.5 Feed-Forward Capacitor (CFF)
For the adjustable-voltage version device, a feed-forward capacitor (CFF) can be connected from the OUT pin
to the FB pin. CFF improves transient, noise, and PSRR performance, but is not required for regulator stability.
Recommended CFF values are listed in the Recommended Operating Conditions table. A higher capacitance
CFF can be used; however, the start-up time increases. For a detailed description of CFF tradeoffs, see the Pros
and Cons of Using a Feedforward Capacitor with a Low-Dropout Regulator application note.
CFF and R1 form a zero in the loop gain at frequency fZ, while CFF, R1, and R2 form a pole in the loop gain at
frequency fP. CFF zero and pole frequencies can be calculated from the following equations:
fZ = 1 / (2 × π × CFF × R1)
(4)
fP = 1 / (2 × π × CFF × (R1 || R2))
(5)
CFF ≥ 10 pF is required for stability if the feedback divider current is less than 5 μA. Equation 6 calculates the
feedback divider current.
IFB_Divider = VOUT / (R1 + R2)
(6)
To avoid start-up time increases from CFF, limit the product CFF × R1 < 50 µs.
For an output voltage of 1.205 V with the FB pin tied to the OUT pin, no CFF is used.
www.ti.com
TLV709
SLVSGU2B – FEBRUARY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com