Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV709 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments TLV709 Datasheet HTML 17Page - Texas Instruments TLV709 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Setting VOUT for the TLV70901 Adjustable LDO
As illustrated in Figure 8-2, the TLV709 contains an adjustable version (the TLV70901) that sets the output
voltage using an external resistor divider. The output voltage operating range is 1.2 V to 28 V, and is calculated
using:
OUT
REF
R1
V
V
1
R2
æ
ö
=
´
+
ç
÷
è
ø
(2)
where:
• VREF = 1.205 V (typical)
Choose resistors R1 and R2 to allow approximately 1.5 μA of current through the resistor divider. Lower value
resistors can be used for improved noise performance, but consume more power. Avoid higher resistor values
because leakage current into or out of FB across R1 / R2 creates an offset voltage that is proportional to VOUT
divided by VREF. The recommended design procedure is to choose R2 = 1 MΩ to set the divider current at
1.5 μA, and then calculate R1 using Equation 3:
R1 =  VOUTVREF − 1 ×R2
(3)
Figure 8-2 depicts this configuration.
8.2.2.2 External Capacitor Requirements
The device is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the input
and output. Multilayer ceramic capacitors have become the industry standard for these types of applications and
are recommended, but must be used with good judgment. Ceramic capacitors that employ X7R-, X5R-, and
C0G-rated dielectric materials provide relatively good capacitive stability across temperature, whereas the use of
Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, the effective capacitance varies with operating voltage
and temperature. Generally, expect the effective capacitance to decrease by as much as 50%. The input and
output capacitors listed in the Recommended Operating Conditions table account for an effective capacitance of
approximately 50% of the nominal value.
8.2.2.3 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. This capacitor counteracts reactive input sources and improves transient response, input ripple,
and PSRR. Use an input capacitor if the source impedance is more than 0.5 Ω. A higher value capacitor can be
necessary if large, fast rise-time load or line transients are anticipated or if the device is located several inches
from the input power source.
Dynamic performance of the device is improved by using a larger output capacitor. The TLV709 requires
an output capacitor of 1 μF or larger (0.47 μF or larger capacitance) for stability and an equivalent series
resistance (ESR) between 0.001 Ω and 1 Ω. For best transient performance, use X5R- and X7R-type ceramic
capacitors because these capacitors have minimal variation in value and ESR over temperature. When choosing
a capacitor for a specific application, be mindful of the DC bias characteristics for the capacitor. Higher output
voltages cause a significant derating of the capacitor. Use an output capacitor within the range specified in the
Recommended Operating Conditions table for stability.
TLV709
SLVSGU2B – FEBRUARY 2023 – REVISED JUNE 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com