Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV709 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
7.3 Feature Description
7.3.1 Wide Supply Range
This device has an operational input supply range of 2.5 V to 30 V, allowing for a wide range of applications. This
wide supply range is designed for applications that have either large transients or high DC voltage supplies.
7.3.2 Low Quiescent Current
This device only requires 3.2 μA (typical) of quiescent current across the complete load current range (0 mA to
150 mA) at room temperature and 4.8 μA (max) across the temperature range of –40°C to +125°C.
7.3.3 Dropout Voltage (VDO)
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. In dropout operation, the pass transistor is in the ohmic or triode region of operation,
and acts as a switch. The dropout voltage indirectly specifies a minimum input voltage greater than the nominal
programmed output voltage at which the output voltage is expected to stay in regulation. If the input voltage falls
to less than the value required to maintain output regulation, then the output voltage falls as well.
For a CMOS regulator, the dropout voltage is determined by the drain-source, on-state resistance (RDS(ON)) of
the pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage
for that current scales accordingly. Use Equation 1 to calculate the RDS(ON) of the device.
(1)
7.3.4 Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a brick-wall scheme. In a high-load current fault, the brick-wall scheme
limits the output current to the current limit (ICL). ICL is listed in the Electrical Characteristics table.
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brick-wall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. For more information on current limits, see the
Know Your Limits application note.
Figure 7-3 shows a diagram of the current limit.
VOUT(NOM)
0 V
0 mA
VOUT
ICL
IRATED
IOUT
Brickwall
Figure 7-3. Current Limit
www.ti.com
TLV709
SLVSGU2B – FEBRUARY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com