Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC804_V02 Datasheet HTML 1Page - NXP Semiconductors LPC804_V02 Datasheet HTML 2Page - NXP Semiconductors LPC804_V02 Datasheet HTML 3Page - NXP Semiconductors LPC804_V02 Datasheet HTML 4Page - NXP Semiconductors LPC804_V02 Datasheet HTML 5Page - NXP Semiconductors LPC804_V02 Datasheet HTML 6Page - NXP Semiconductors LPC804_V02 Datasheet HTML 7Page - NXP Semiconductors LPC804_V02 Datasheet HTML 8Page - NXP Semiconductors LPC804_V02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
2 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Supports Flash In-Application Programming (IAP).
Supports In-System Programming (ISP) through USART.
On-chip ROM APIs for integer divide.
Free Running Oscillator (FRO) API.
Digital peripherals:
High-speed GPIO interface connected to the Arm Cortex-M0+ I/O bus with up to 30
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, and input inverter. GPIO direction control
supports independent set/clear/toggle of individual bits.
High-current source output driver (20 mA) on five pins.
GPIO interrupt generation capability with boolean pattern-matching feature on eight
GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
CRC engine.
Capacitive Touch Interface.
Programmable Logic Unit (PLU) to create small combinatorial and/or sequential
logic networks including simple state machines.
Timers:
One 32-bit general purpose counter/timer, with four match outputs and three
capture inputs. Supports PWM mode, and external count
Four channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
Self-Wake-up Timer (WKT) clocked from either Free Running Oscillator (FRO), a
low-power, low-frequency internal oscillator, or an external clock input.
Windowed Watchdog timer (WWDT).
Analog peripherals:
One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 480 Ksamples/s. The ADC supports
two independent conversion sequences.
Comparator with five input pins and external or internal reference voltage.
One 10-bit DAC.
Serial peripherals:
Two USART interfaces with pin functions assigned through the switch matrix and
one fractional baud rate generators.
One SPI controllers with pin functions assigned through the switch matrix.
Two I2C-bus interface. It supports data rates up to 400 kbit/s on standard digital
pins.
Clock generation:
Free Running Oscillator (FRO). This oscillator provides a selectable
9 MHz, 12 MHz and 15 MHz outputs that can be used as a system clock. The FRO
is trimmed to ±1 % accuracy over the entire voltage and temperature range of 0 C
to 70 C.
1 MHz low power oscillator can be used as a clock source.
Clock output function with divider that can reflect all internal clock sources.
Power control:
Reduced power modes: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com