Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC804_V02 Datasheet HTML 17Page - NXP Semiconductors LPC804_V02 Datasheet HTML 18Page - NXP Semiconductors LPC804_V02 Datasheet HTML 19Page - NXP Semiconductors LPC804_V02 Datasheet HTML 20Page - NXP Semiconductors LPC804_V02 Datasheet HTML 21Page - NXP Semiconductors LPC804_V02 Datasheet HTML 22Page - NXP Semiconductors LPC804_V02 Datasheet HTML 23Page - NXP Semiconductors LPC804_V02 Datasheet HTML 24Page - NXP Semiconductors LPC804_V02 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
21 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.11.1 Features
• Pin interrupts
– Up to eight pins can be selected from all digital pins as edge- or level-sensitive
interrupt requests. Each request creates a separate interrupt in the NVIC.
– Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
– Level-sensitive interrupt pins can be HIGH- or LOW-active.
– Pin interrupts can wake up the LPC804 from sleep mode, deep-sleep mode, and
power-down mode.
9.12 USART0/1
All USART functions are movable functions and are assigned to pins through the switch
matrix.
9.12.1 Features
• Maximum bit rates of 1.875 Mbit/s in asynchronous mode and 10 Mbit/s in
synchronous mode for USART functions connected to all digital pins.
• 7, 8, or 9 data bits and 1 or 2 stop bits
• Synchronous mode with master or slave operation. Includes data phase selection and
continuous clock option.
• Multiprocessor/multidrop (9-bit) mode with software address compare. (RS-485
possible with software address detection and transceiver direction control.)
• Parity generation and checking: odd, even, or none.
• One transmit and one receive data buffer.
• RTS/CTS for hardware signaling for automatic flow control. Software flow control can
be performed using Delta CTS detect, Transmit Disable control, and any GPIO as an
RTS output.
• Received data and status can optionally be read from a single register
• Break generation and detection.
• Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
• Built-in Baud Rate Generator.
• A fractional rate divider is shared among all UARTs.
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
• Separate data and flow control loopback modes for testing.
• Baud rate clock can also be output in asynchronous mode.
9.13 SPI0
All SPI functions are movable functions and are assigned to pins through the switch
matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com