Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC804_V02 Datasheet HTML 35Page - NXP Semiconductors LPC804_V02 Datasheet HTML 36Page - NXP Semiconductors LPC804_V02 Datasheet HTML 37Page - NXP Semiconductors LPC804_V02 Datasheet HTML 38Page - NXP Semiconductors LPC804_V02 Datasheet HTML 39Page - NXP Semiconductors LPC804_V02 Datasheet HTML 40Page - NXP Semiconductors LPC804_V02 Datasheet HTML 41Page - NXP Semiconductors LPC804_V02 Datasheet HTML 42Page - NXP Semiconductors LPC804_V02 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
39 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
10. Limiting values
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and external
rail)
[2] 0.5
+4.6
V
Vref
reference voltage
on pin VREFP
0.5
VDD
V
VI
input voltage
5 V tolerant I/O pins; VDD 
1.71 V
[3][4] 0.5
+5.4
V
3 V tolerant I/O pin ACMPVREF
[5] 0.5
+3.6
V
VIA
analog input voltage
on digital pins configured for an
analog function
[6][7]
[8]
0.5
+4.6
V
IDD
supply current
per supply pin (TSSOP20)
-
18
mA
per supply pin (TSSOP24)
-
22
per supply pin (HVQFN33)
-
30
ISS
ground current
per ground pin (TSSOP20)
-
40
mA
per ground pin (TSSOP24)
-
45
per ground pin (HVQFN33)
-
50
Ilatch
I/O latch-up current
(0.5VDD) < VI < (1.5VDD);
Tj < 125 C
-
100
mA
Tstg
storage temperature
[9] 65
+150
C
Tj(max)
maximum junction temperature
-
150
C
Ptot(pack) total power dissipation (per
package)
TSSOP20, based on package
heat transfer, not device power
consumption
[11] -
0.36
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com