Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC804_V02 Datasheet HTML 31Page - NXP Semiconductors LPC804_V02 Datasheet HTML 32Page - NXP Semiconductors LPC804_V02 Datasheet HTML 33Page - NXP Semiconductors LPC804_V02 Datasheet HTML 34Page - NXP Semiconductors LPC804_V02 Datasheet HTML 35Page - NXP Semiconductors LPC804_V02 Datasheet HTML 36Page - NXP Semiconductors LPC804_V02 Datasheet HTML 37Page - NXP Semiconductors LPC804_V02 Datasheet HTML 38Page - NXP Semiconductors LPC804_V02 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
35 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.25.5 Wake-up process
The LPC804 begin operation at power-up by using the FRO as the clock source allowing
chip operation to resume quickly. If LPOsc or external clock sources are needed by the
application, software must enable these features and wait for them to stabilize before they
are used as a clock source.
9.26 System control
9.26.1 Reset
Reset has four sources on the LPC804: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip reset by any source, once the operating voltage attains
a usable level, starts the FRO and initializes the flash controller.
Table 8.
Wake-up sources for reduced power modes
power mode
Wake-up source
Conditions
Sleep
Any interrupt
Enable interrupt in NVIC.
Deep-sleep and
power-down
Pin interrupts
Enable pin interrupts in NVIC and STARTERP0 registers.
BOD interrupt
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable interrupt in BODCTRL register.
• BOD powered in PDSLEEPCFG register.
BOD reset
• Enable reset in BODCTRL register.
• BOD powered in PDSLEEPCFG register.
WWDT interrupt
• Enable interrupt in NVIC and STARTERP1 registers.
• WWDT running. Enable WWDT in WWDT MOD register and feed.
• Enable interrupt in WWDT MOD register.
• LPOsc powered in PDSLEEPCFG register.
WWDT reset
• WWDT running.
• Enable reset in WWDT MOD register.
• LPOsc powered in PDSLEEPCFG register.
Self-Wake-up Timer
(WKT) time-out
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable low-power oscillator in the LPOSCCLKEN register in the SYSCON
block.
• Select low-power clock for WKT clock in the WKT CTRL register.
• Start the WKT by writing a time-out value to the WKT COUNT register.
Interrupt from
USART/SPI/I2C
peripheral
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable USART/I2C/SPI interrupts.
• Provide an external clock signal to the peripheral.
• Configure the USART in synchronous slave mode and I2C and SPI in
slave mode.
Interrupt from
Capacitive Touch
peripheral
• Enable interrupt in NVIC and STARTERP1 registers.
• Enable the Capacitive Touch interrupt.
• Switch FCLK clock source to the LPOsc.
• Set Capacitive Touch registers.
• Provide a touch event to the peripheral.
Deep power-down WAKEUP pins
Enable the WAKEUP function in the WUENAREG register in the PMU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com