Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC804_V02 Datasheet HTML 70Page - NXP Semiconductors LPC804_V02 Datasheet HTML 71Page - NXP Semiconductors LPC804_V02 Datasheet HTML 72Page - NXP Semiconductors LPC804_V02 Datasheet HTML 73Page - NXP Semiconductors LPC804_V02 Datasheet HTML 74Page - NXP Semiconductors LPC804_V02 Datasheet HTML 75Page - NXP Semiconductors LPC804_V02 Datasheet HTML 76Page - NXP Semiconductors LPC804_V02 Datasheet HTML 77Page - NXP Semiconductors LPC804_V02 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
74 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
Fig 37. Package outline HVQFN33 (5 x 5 x 0.85 mm)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
MO-220
hvqfn33f_po
11-10-11
11-10-17
Unit(1)
mm
max
nom
min
0.85
0.05
0.00
0.2
5.1
4.9
3.75
3.45
5.1
4.9
3.75
3.45
0.5
3.5
A1
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN33: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
bc
0.30
0.18
D(1)
A(1)
Dh
E(1)
Eh
ee1
e2
L
3.5
vw
0.1
0.1
y
0.05
0.5
0.3
y1
0.05
0
2.5
5 mm
scale
1/2 e
A
C
B
v
C
w
terminal 1
index area
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
916
32
25
24
17
8
1
X
D
E
C
B
A
e2
terminal 1
index area
1/2 e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com