Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 7 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 7 Page - ams AG

Back Button SFH7779 Datasheet HTML 3Page - ams AG SFH7779 Datasheet HTML 4Page - ams AG SFH7779 Datasheet HTML 5Page - ams AG SFH7779 Datasheet HTML 6Page - ams AG SFH7779 Datasheet HTML 7Page - ams AG SFH7779 Datasheet HTML 8Page - ams AG SFH7779 Datasheet HTML 9Page - ams AG SFH7779 Datasheet HTML 10Page - ams AG SFH7779 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
7 | Version 1.7 | 2023-05-24
Measurement modes
Mode
Description
OFF
The device is inactive. Other units may use the I2C bus without any restrictions; I/O pins and INT are in high Z
state. There is no sink current through the LED
STAND-BY
This is the initial mode after power-up. IDD is typ. 0.8µA. No measurement is performed. Device can be
activated by I2C bus communication. Data registers can be read and written.
ALS / PS free
running
Measurements are triggered internally by the SFH 7779. Stand-by / active mode for ALS and PS,
measurement times, interrupt options and LED current can be adjusted via I2C register. Measurement results
can be read from the data register, the status from the interrupt register
If VDD exceeds the threshold voltage, the sensor will switch from OFF mode to STAND-By mode. As shown in the
transition-diagram above it is possible to switch between all modes without any restriction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com