Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 9 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 9 Page - ams AG

Back Button SFH7779 Datasheet HTML 5Page - ams AG SFH7779 Datasheet HTML 6Page - ams AG SFH7779 Datasheet HTML 7Page - ams AG SFH7779 Datasheet HTML 8Page - ams AG SFH7779 Datasheet HTML 9Page - ams AG SFH7779 Datasheet HTML 10Page - ams AG SFH7779 Datasheet HTML 11Page - ams AG SFH7779 Datasheet HTML 12Page - ams AG SFH7779 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
9 | Version 1.7 | 2023-05-24
Operating conditions
Parameter
Symbol
Values
Supply voltage
VDD
min.
typ.
max.
2.3 V
2.5 V
3.6 V
Ripple on supply voltage
VDDmin and VDDmax must stay in the VDD range,
DC … 100 MHz
VDD,rip
max.
200 mV
VDD threshold voltage
voltage to initiate the start-up procedure
VDD,th
typ.
max.
1.7 V
2.3 V
Voltage for INT
VINT
max.
5.5 V
Voltage for SCL and SDA
VSCL; VSDA
min.
max:
1.65 V
3.6 V
SDA and SCL input low level voltage
VSCL_low
VSDA_low
max.
0.54 V
SDA and SCL input high level voltage
VSCL_high
VSDA_high
min.
1.26 V
SDA and SCL input current
ISCL_low
ISDA_low
min.
max.
-10 µA
10 µA
INT output low level voltage (IINT = 3 mA)
When INT is active VINT = low.
When INT is inactive VINT = high.
VINT_low
max.
0.4 V
Supply voltage LED
VLED
min.
typ.
max.
2.3 V
3.5 V
5.5 V
Ripple VLED
VLED,rip
max.
200mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com