Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 14 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 14 Page - ams AG

Back Button SFH7779 Datasheet HTML 10Page - ams AG SFH7779 Datasheet HTML 11Page - ams AG SFH7779 Datasheet HTML 12Page - ams AG SFH7779 Datasheet HTML 13Page - ams AG SFH7779 Datasheet HTML 14Page - ams AG SFH7779 Datasheet HTML 15Page - ams AG SFH7779 Datasheet HTML 16Page - ams AG SFH7779 Datasheet HTML 17Page - ams AG SFH7779 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
14 | Version 1.7 | 2023-05-24
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Ambient Light Sensor: ALS_VIS and ALS_ IR diode
Resolution of the digital output signal based on gain settings for ALS VIS:
MODE_CONTROL (0x41h) = 08h; tint ALS = 100ms
Gain X1
Gain X2
Gain X64
Gain X128
High sensitive mode:
MODE_CONTROL (0x41h) = 0Ah; tint ALS = 400ms
Gain X128
VDD = 2.5V; white LED
- Gain settings at ALS_PS_CONTROL (0x42h)
ALSVIS_out
typ.
typ.
typ.
typ.
typ.
1.1 lx/count
0.55 lx/count
0.018 lx/count
0.009 lx/count
0.002 lx/count
Typical temperature coefficient for ALS measurement
1000lx; white LED; VDD = 2.5V
TCEv
typ.
0.2 % / K
Mean current consumption
MODE_CONTROL (0x41h) = 08h
other registers are default
IDD
typ.
max.
90 µA
150 µA
Typical error by Flicker noise
caused by bulbs (f=50 or 60 Hz) or fluorescent lamps
max.
3 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com