Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 10 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 10 Page - ams AG

Back Button SFH7779 Datasheet HTML 6Page - ams AG SFH7779 Datasheet HTML 7Page - ams AG SFH7779 Datasheet HTML 8Page - ams AG SFH7779 Datasheet HTML 9Page - ams AG SFH7779 Datasheet HTML 10Page - ams AG SFH7779 Datasheet HTML 11Page - ams AG SFH7779 Datasheet HTML 12Page - ams AG SFH7779 Datasheet HTML 13Page - ams AG SFH7779 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
10 | Version 1.7 | 2023-05-24
Characteristics
TA = 25 °C
Parameter
Symbol
Values
Conditions for OFF mode
VDD,off
typ.
0.5 V
Current consumption in OFF mode
VDD < 0.5 V
IDD,off
typ.
0 µA
STAND-BY mode current consumption
Mode_control(41h) = 0x00; VDD = 2.5 V
IDD,stby
typ.
max.
0.8 µA
1.5 µA
Proximity Sensor (PS)
LED centroid wavelength (ILED = 100mA)
λcentroid
typ.
940 nm
LED Spectral bandwidth (ILED = 100mA)
Δλ
typ.
30 nm
Temperature coefficient of optical power of LED
TC
typ.
-0.5 %/K
ILED ON time for one measurement
tLED ON
min.
typ.
max.
80 µs
200 µs
300 µs
LED current, programmable
VLED > 2.3V for ILED < 100mA
VLED > 3.0V for ILED > 100mA
ILED
min.
max.
25 mA
200 mA
Accuracy of LED current source
ALS_PS_CONTROL: LED Current (00b
ILED
min.
typ.
max.
22.5 mA
25 mA
27.5 mA
Mean current consumption in PS mode
current consumption of the pulsed LED is not included;
MODE_CONTROL(0x41h) = 0x03h;
all other registers are default; VDD = 2.5 V
IDD
typ.
max.
60 µA
150 µA
Mean current consumption in PS mode during the 200 µs LED pulse (tLED
ON
)
current consumption of the pulsed LED is not included
IDD
typ.
max.
6.5 mA
8.5 mA
Typical detection distance
KODAK grey card 100x130mm2, R = 90%
ILED = 200mA, VDD = 2.5V, EV = 0lx;
high threshold = 11 counts
hon
typ.
10 cm
Typical none detection distance
KODAK grey card 100x130mm2, R = 90%
ILED = 200mA, VDD = 2.5V, EV = 0lx;
high threshold = 8 counts
hoff
typ.
12 cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com