Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 19 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 19 Page - ams AG

Back Button SFH7779 Datasheet HTML 15Page - ams AG SFH7779 Datasheet HTML 16Page - ams AG SFH7779 Datasheet HTML 17Page - ams AG SFH7779 Datasheet HTML 18Page - ams AG SFH7779 Datasheet HTML 19Page - ams AG SFH7779 Datasheet HTML 20Page - ams AG SFH7779 Datasheet HTML 21Page - ams AG SFH7779 Datasheet HTML 22Page - ams AG SFH7779 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
19 | Version 1.7 | 2023-05-24
ALS VIS sensitivity ranges
ALS VIS output(Ev); white LED; f(sensitivity settings);
Tint: integration time (register 0x41h); X: gain settings (register 0x42h)
PS sensitivity f(R = reflectivity)
VDD=2.5V; ILED=200mA; Trep=100ms; AReflector=10x13cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com