Electronic Components Datasheet Search
  English  ▼

X  

SFH7779 Datasheet(PDF) 23 Page - ams AG

Part # SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Datasheet(HTML) 23 Page - ams AG

Back Button SFH7779 Datasheet HTML 19Page - ams AG SFH7779 Datasheet HTML 20Page - ams AG SFH7779 Datasheet HTML 21Page - ams AG SFH7779 Datasheet HTML 22Page - ams AG SFH7779 Datasheet HTML 23Page - ams AG SFH7779 Datasheet HTML 24Page - ams AG SFH7779 Datasheet HTML 25Page - ams AG SFH7779 Datasheet HTML 26Page - ams AG SFH7779 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
23 | Version 1.7 | 2023-05-24
MODE_CONTROL register (0x41h)
CONTROL of PS and ALS operating modes and time settings.
Repetition time is the time between two separate measurements. Integration time is the duration for one measurement. ALS
high sensitivity modes are 1010 and 1011 with an increased integration time of 400ms. In PS operating mode: “normal
mode” only one PS measurement is performed during one PS repetition time. In PS operating mode: “twice mode” two
independent PS measurement are performed within one PS repetition time. Both measurements are independent and can
trigger the interrupt. This feature can be used to decrease the interrupt update time if the persistence function (register
0x43h) is used.
R/W-Register 0x41
Bit
7
6
5
4
3
2
1
0
Repetition / Integration
time
Repetition time
Reserved
PS operating mode
ALS
PS
default
0 normal mode
0000
standby
standby
0 normal mode
0000
standby
standby
1 twice mode
0001
standby
10ms
0010
standby
40ms
0011
standby
100ms
0100
standby
400ms
0101
100ms / 100ms
standby
0110
100ms / 100ms
100ms
0111
100ms / 100ms
400ms
1000
400ms / 100ms
standby
1001
400ms / 100ms
100ms
1010
400ms / 400ms
standby
1011
400ms / 400ms
400ms
1100
50ms / 50ms
50ms
Rest forbidden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com