Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1945TA Datasheet HTML 1Page - Renesas Technology Corp UPC1945TA Datasheet HTML 2Page - Renesas Technology Corp UPC1945TA Datasheet HTML 3Page - Renesas Technology Corp UPC1945TA Datasheet HTML 4Page - Renesas Technology Corp UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
DATA SHEET
µµµµPC1945
2001
Document No.
G14875EJ2V0DS00 (2nd edition)
Date Published September 2001 NS CP (K)
Printed in Japan
BIPOLAR ANALOG INTEGRATED CIRCUIT
DESCRIPTION
The
µ PC1945 is an adjustable-shunt regulator featuring a high-precision internal reference voltage. The separate
power supply pin (VCC pin) allows the cathode voltage to be dropped to as low as 0.4V, making this product ideal for
error amplifiers that use a low voltage (minimum 1.8 V) output switching regulator.
Support for high-density mounting is also provided through the use of a 5-pin plastic mini-mold package.
FEATURES
• Separate cathode and power supply pins
• Suitable for low voltage (minimum 1.8 V) output switching regulator
Cathode voltage range: 0.4 V to 5 V
Power supply voltage range: VREF to 5 V
Reference voltage: 1.26 V
• 5-pin plastic mini-mold package
Mold dimensions: 2.9 mm(L)×1.5 mm(W)×1.1 mm(H)
ORDERING INFORMATION
Part Number
Package
Marking
Form of Shipment
µ PC1945TA
5-pin plastic mini-mold
(SC-74A)
K95
–
µ PC1945TA-E1
5-pin plastic mini-mold
(SC-74A)
K95
• Embossed taping
• Pin 1 in wind-in direction
• 3000 units/reel
µ PC1945TA-E2
5-pin plastic mini-mold
(SC-74A)
K95
• Embossed taping
• Pin 1 in pull-out direction
• 3000 units/reel
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com