Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC1945TA Datasheet HTML 2Page - Renesas Technology Corp UPC1945TA Datasheet HTML 3Page - Renesas Technology Corp UPC1945TA Datasheet HTML 4Page - Renesas Technology Corp UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp UPC1945TA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet G14875EJ2V0DS
4
µPC1945
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC
6V
Cathode Voltage
VK
VCC
V
Cathode Current
IK
15
mA
Cathode/Anode Reverse Current
–IK
–5mA
Reference Current
IREF
50
µ A
Reference/Anode Reverse Current
–IREF
–5mA
Circuit Current
ICC
2mA
Total Power Dissipation
PT
90
mW
Operating Ambient Temperature
TA
–20 to+85
°C
Operating Junction Temperature
TJ
–20 to+125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
VREF
5V
Cathode Voltage
VK
0.4
VCC
Note
V
Cathode Current
IK
12
mA
Total Power Dissipation
PT
20
mW
Operating Ambient Temperature
TA
–20
+85
°C
Operating Junction Temperature
TJ
–20
+100
°C
Note VK
≤≤≤≤ VCC
Caution
The recommended operating range may be exceeded without causing any problems provided that
the absolute maximum ratings are not exceeded. However, if the device is operated in a way that
exceeds the recommended operating conditions, the margin between the actual conditions of use
and the absolute maximum ratings is small, and therefore thorough evaluation is necessary. The
recommended operating conditions do not imply that the device can be used with all values at
their maximum values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com