Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC1945TA Datasheet HTML 1Page - Renesas Technology Corp UPC1945TA Datasheet HTML 2Page - Renesas Technology Corp UPC1945TA Datasheet HTML 3Page - Renesas Technology Corp UPC1945TA Datasheet HTML 4Page - Renesas Technology Corp UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet G14875EJ2V0DS
3
µPC1945
STANDARD CONNECTION
CKA
VCC
R1
VIN
VOUT
VOUT
1
+
R2
R1
GND
R0
R2
REF
A
K
× VREF
Note
Note
CKA = 100 pF minimum. Connect to prevent oscillation.
Caution Supply K (Cathode) and VCC from the same power supply.
Remark The
µPC1945 is represented by the following symbol in this data sheet.
REF
VCC
A
K
APPLICATION CIRCUIT EXAMPLE
CKA
VCC
VO
+
VO
−
REF
A
K
photocoupler
Input to control IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com