Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC1945TA Datasheet HTML 1Page - Renesas Technology Corp UPC1945TA Datasheet HTML 2Page - Renesas Technology Corp UPC1945TA Datasheet HTML 3Page - Renesas Technology Corp UPC1945TA Datasheet HTML 4Page - Renesas Technology Corp UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet G14875EJ2V0DS
2
µPC1945
PIN CONNECTION (Top View)
5-pin plastic mini-mold (SC-74A)
µµµµPC1945TA
A
A
K
REF
VCC
1
5
2
3
4
Pin No
Pin Symbol
Pin Name
1
REF
Reference
2A
Anode
3K
Cathode
4A
Anode
5VCC
Supply Voltage
Caution
It is recommended to connect pins 2 and 4 externally. If this is not possible, leave pin 2 open.
BLOCK DIAGRAM
VCC
K
A
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com