Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC1945TA Datasheet HTML 4Page - Renesas Technology Corp UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp UPC1945TA Datasheet HTML 10Page - Renesas Technology Corp UPC1945TA Datasheet HTML 11Page - Renesas Technology Corp UPC1945TA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet G14875EJ2V0DS
6
µPC1945
TYPICAL CHRACTERISTICS (Unless otherwise specified, TA = 25
°C Reference Values)
−25
0
25
50
−30
−20
−10
0
10
30
20
0
0.2
0.4
0.6
0.8
1.0
100
75
125
0
20
40
60
80
100
25
75
100
125
50
695
°C/W
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IK = 2 mA
VREF = VCC = VK
CKA = 100 pF
−25
0
25
50
0
2.0
1.0
4.0
3.0
100
75
125
VREF = VCC = VK
CKA = 100 pF
VREF = VCC = VK
CKA = 100 pF
−1
−2
−3
−4
−5
0
−0.8 −0.7 −0.6 −0.5 −0.4 −0.3 −0.2 −0.1
0
VREF = VCC = VK
CKA = 100 pF
IK = 2 mA
VREF = VCC = VK
CKA = 100 pF
R1 = 10 k
Ω, R2 = ∞
PT vs TA
TA - Operating Ambient Temperature -
°C
VK - Cathode Voltage - V
IK vs VK ( I )
TA - Operating Ambient Temperature -
°C
VREF vs TA
∆
VK - Cathode Voltage - V
IK vs VK (II)
VK - Cathode Voltage - V
IK vs VK (III)
TA - Operating Ambient Temperature -
°C
IREF vs TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com