Electronic Components Datasheet Search
  English  ▼

X  

UPC1945TA Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC1945TA
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1945TA Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC1945TA Datasheet HTML 5Page - Renesas Technology Corp UPC1945TA Datasheet HTML 6Page - Renesas Technology Corp UPC1945TA Datasheet HTML 7Page - Renesas Technology Corp UPC1945TA Datasheet HTML 8Page - Renesas Technology Corp UPC1945TA Datasheet HTML 9Page - Renesas Technology Corp UPC1945TA Datasheet HTML 10Page - Renesas Technology Corp UPC1945TA Datasheet HTML 11Page - Renesas Technology Corp UPC1945TA Datasheet HTML 12Page - Renesas Technology Corp UPC1945TA Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet G14875EJ2V0DS
7
µPC1945
1
10
100
1000
10000
0
−20
20
40
60
−100
−150
−200
−50
0
2.2 k
Ω
10 k
Ω
IK
10 k
Ω
100 pF
(IK = 2 mA)
υo
υin
Av
φ
φ
f - Frequency - kHz
Av,
vs f
0.1
1
10
100
1000
1.0
0.1
10
50
TA = 25 C
VK = VCC = VREF
IK = 2mA
f - Frequency - kHz
| ZKA | vs f
1
10
100
1000
10000
100000
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
a:
b, c:
a
b
a: VK = VCC = VREF
b: VK = VCC = 3 V
c: VK = VCC = 5 V
2.2 k
Ω
CKA
CKA
IK
IK
2.2 k
Ω
10 k
Ω
R
a,b,c
Stability Area
CKA - Lode Capacitance - pF
Stable
Stable
Unstable
Unstable
Unstable
CKA: Monolithic Ceramic Capacitor
Test Circuit
Caution of Stability Area
When using plural different types of capacitors, each capacitor is needed to be stable independently
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com