42 / 78 page

NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
42
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Write to Precharge: Minimum DQSS, Odd Number of Data (1 bit Write), Interrupting
(Burst Length = 4 or 8)
DI a-b = data in for bank a, column b.
An interrupted burst is shown, 1 data element is written.
tWR is referenced from the first positive CK edge after the last desired data in pair.
The Precharge command masks the last 2 data elements in the burst.
A10 is Low with the Write command (Auto Precharge is disabled).
1 = Can be don't care for programmed burst length of 4.
2 = For programmed burst length of 4, DQS becomes don't care at this point.
Don’t Care
T1
T2
T3
T4
T5
T6
NOP
NOP
NOP
PRE
Write
NOP
CK
CK
Command
Address
BA a, COL b
BA (a or all)
tWR
tRP
DI a-b
DQS
DQ
tDQSS (min)
2
1
1
DM
3
4
4
3 = This bit is correctly written into the memory array if DM is low.
4 = These bits are incorrectly written into the memory array if DM is low.