Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 3 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
IR2137/IR2237(J)(Q)
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V and TA = 25
oC unless otherwise specified. The VIN, VTH and IIN parameters are
referenced to VSS/COM and are applicable to all six channels (HOP/HON1,2,3 and LOP/LON1,2,3). The VO and IO
parameters are referenced to VLS1,2,3 and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 and
LO1,2,3. VDESAT and IDESAT parameters are referenced to VS1,2,3
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VCCUV+
VCC supply undervoltage positive going threshold
10.3
11.4
12.5
VCCUV-
VCC supply undervoltage negative going threshold
9.5
10.4
11.3
VCCUVH
VCC supply undervoltage lockout hysteresis
—
1.0
—
VBSUV+
VBS supply undervoltage positive going threshold
10.3
11.4
12.5
VBSUV-
VBS supply undervoltage negative going threshold
9.5
10.4
11.3
VBSUVH
VBS supply undervoltage lockout hysteresis
—
1.0
—
ILK
Offset supply leakage current
—
—
50
(IR2137)
(IR2237)
—
—
50
IQBS
Quiescent VBS supply current
—
120
200
IQCC
Quiescent VCC supply current
—
2
6
mA
VIH
Logic “0” input voltage (OUT=LO)
3.15
—
—
(HIN,LIN,ITRIP,SD,BRIN,FLTCLR)
VIL
Logic “1” input voltage (OUT=HI)
—
—
0.8
(HIN,LIN,ITRIP,SD,BRIN,FLTCLR)
Vt+
Logic input positive going threshold
1.6
2.5
3.1
(HIN,LIN,ITRIP,SD,BRIN,FLTCLR)
Vt-
Logic input negative going threshold
0.9
1.5
2.4
(HIN,LIN,ITRIP,SD,BRIN,FLTCLR)
VT
Logic input hysteresis
0.7
1.0
—
(HIN,LIN,ITRIP,SD,BRIN,FLTCLR)
V
VB1,2,3 = VS1,2,3
= 600V
VB1,2,3 = VS1,2,3
= 1200V
V
VCC = 12.5 to 20V
µA
Note 1: Logic operational for VS of COM -5 to COM +600V/+1200V. Logic state held for VS of COM -5V to -COM VBS.
Note 2: All input pins are internally clamped with a 5.2V zener diode.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recom-
mended conditions. All voltage parameters are absolute voltages referenced to COM. The VS offset rating is tested with all
supplies biased at 15V differential.
VFLT
FAULT output voltage
VSS
VCC
VLS1,2,3
Low side output return voltage
-5.0
+5.0
VDESAT
DESAT pin input voltage
VS1,2,3
VB1,2,3
TA
Ambient temperature
-40
125
°C
Symbol
Definition
Min.
Max.
Units
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com