Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 4 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
IR2137/IR2237(J)(Q)
Static Electrical Characteristics - cont.
VBIAS (VCC, VBS1,2,3) = 15V and TA = 25
oC unless otherwise specified. The VIN, VTH and IIN parameters are
referenced to VSS/COM and are applicable to all six channels (HOP/HON1,2,3 and LOP/LON1,2,3). The VO and IO
parameters are referenced to VLS1,2,3 and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 and
LO1,2,3. VDESAT and IDESAT parameters are referenced to VS1,2,3
VOH
High level output voltage, VBIAS - VO
—
—
100
(normal switching) HOP, LOP
VOL
Low level output voltage, VO
—
—
100
(normal switching) HON, LON
IIN+
Logic “1” input bias current
—
150
—
VIN = 0V
IIN-
Logic “0” input bias current
—
80
—
VIN = 5V
IDESAT+
“high” DESAT input bias current
—
—
15
VDESAT = 15V
IDESAT-
“low” DESAT input bias current
—
—
.1
VDESAT = 0V
IO+
Output high short circuit pulsed current
220
300
—
VO = 0V, VIN = 0V
PW ≤ 10 µs
IO-
Output low short circuit pulsed current
460
550
—
VO = 15V, VIN = 5V
PW ≤ 10 µs
IOBR+
BR output high short circuit pulsed current
40
75
—
VBR=0V, VBRIN=0V
PW ≤ 10 µs
IOBR-
BR output low short circuit pulsed current
80
120
—
VBR=15V,VBRIN=5V
PW ≤ 10 µs
VOHB
BR high level output voltage, VBIAS-VBR
—
—
300
VOLB
BR low level output voltage, VBR
—
—
150
RON,SS
Soft shutdown on resistance
—
500
—
ITRIP = 0V
RON,FLT
FAULT low on resistance
—
60
—
VDESAT+
High DESAT input threshold voltage
—
5.2
—
V
Symbol
Definition
Min. Typ. Max. Units Test Conditions
Ω
mA
mV
IBR = 1mA
IO = 1 mA
µA
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com