Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 5 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 5 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
IR2137/IR2237(J)(Q)
AC Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VS1,2,3 = VSS, TA = 25
oC and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
150
400
600
toff
Turn-off propagation delay
150
400
600
t r
Turn-on rise time
—
115
—
tf
Turn-off fall time
—
25
—
tITRIP
ITRIP to output shutdown propagation delay
—
1000
1400
VIN,VDESAT=0
VSD = 5V
tSD
SD to output shutdown propagation delay
—
1200
1500
VIN,VDESAT = 0
VITRIP = 5V, fig. 7
tDESAT1
DESAT to output shutdown propagation delay
1400
2800
4200
ITRIP = 5V
at HOPx turn-on
tDESAT2
DESAT to output shutdown propagation delay
600
1150
1700
after blanking
tFLT, IT
ITRIP to FAULT output delay
—
800
1100
tFLTCLR
FLTCLR to FAULT output delay
—
1100
1400
VSD = 5V,
VDESAT = 0V, fig. 7
tFLT,DESAT1 DESAT to FAULT output delay propagation delay
—
2500
—
at HOPx turn-on
tFLT,DESAT2 DESAT to FAULT output delay propagation delay
—
850
—
after blanking
tBL
DESAT blanking time at turn-on
—
2000
—
tonBR
BR output turn-on propagation delay
—
120
200
toffBR
BR output turn-off propagation delay
—
85
150
trBR
BR output turn-on rise time
—
300
—
tfBR
BR output turn-off fall time
—
150
—
DT
Deadtime
—
300
—
Figure 6
MDT
Matching delay, max (ton,toff) - min (ton,toff),
—
0
75
External dead time
(ton,toff are applicable to all six channels)
>400nsec
PM
Output pulse width matching, IPWin - PWoutl
—
0
75
External dead time
(exclude BRIN/BR)
>400nsec,
Fig. 4
VIN = 0 & 5V
VS1,2,3 = 0 to 600V
or 1200V
HOP=HON,LOP=LON
Figure 4
VS1,2,3 = 0 to 600V
or 1200V
VHIN = 0V,
VSD, VITRIP = 5V,
VDESAT = 15V, fig. 5
VIN,VITRIP =0V,
VSD = 5V,
VDESAT= 0V, fig. 7
VS1,2,3 = 0 to 600V
or 1200V
VIN = 0V,
VSD, VITRIP = 5V,
VDESAT = 15V,
Figure 5
Figure 4
ns
ns
Deadtime/Delay Matching Characteristics
Propagation Delay Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com