Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 9 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier IR2137 Datasheet HTML 10Page - International Rectifier IR2137 Datasheet HTML 11Page - International Rectifier IR2137 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
IR2137/IR2237(J)(Q)
Figure 4. Switching Time Waveforms
HIN
LIN
HO (HOP=HON)
LO (LOP=LON)
ton
tr
50%
90%
10%
50%
90%
10%
t off
tf
BRIN
BR
5V
PW in
PWout
Figure 5. DESAT Timing
HIN1,2,3
LIN1,2,3
SD
ITRIP
DESAT
FAULT
FLTCLR
HO(HOP/HON)
LO(LOP/LON)
>2.0usec
(typ)
t
DESAT1
t
DESAT2
t
FLT,DESAT2
t
FLT,DESAT1
SOFT SHUTDOWN
SOFT SHUTDOWN
6V
50%
90%
50%
50%
50%
90%
6V
t
BL
t
BL
Blanking
in effect
Blanking
in effect
5V
5V
5V
5V
5V
15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com