Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 1 Page - International Rectifier

  IR2137 Datasheet HTML 1Page - International Rectifier IR2137 Datasheet HTML 2Page - International Rectifier IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HOP1,2,3
HON1,2,3
LOP1,2,3
LON1,2,3
BR
VS1,2,3
VB1,2,3
LS1,2,3
COM
LIN1,2,3
HIN1,2,3
FAULT
FLTCLR
ITRIP
VCC
VSS
BRIN
SD
DESAT1,2,3
3
uP,Control
Current Feedback
15V
DC
BUS
2137/
2237
U
V
W
Motor
GND
HSSD1,2,3
LSSD1,2,3
3
3
Typical Connection
3-PHASE BRIDGE DRIVER
Packages
Features
• Floating channel up to +600V or +1200V
• “soft” over-current shutdown turns off all six
outputs
• Integrated high side desaturation circuit
• Controlled “soft” turn on for EMI reduction
• Integrated brake IGBT driver
• Three independent low side COM pins
• Separate pull-up/pull-down output drive pins
• Matched delay outputs
• 3.3V logic compatible
• Under voltage lockout with hysteresis band
Description
Product Summary
VOFFSET
600V max. or 1200V max.
IO+/-
220mA / 460mA
VOUT
12.5V - 20V
Brake Io+/-
40mA/80mA
Matched delay
75nsec
Deadtime (typ.)
300 nsec
DESAT Blanking time (typ.)
2.0usec
DESAT input voltage
threshold (typ.)
Vt+ = 5.0V
64-Lead MQFP
68-Lead PLCC
www.irf.com
1
The IR2137/IR2237(J)(Q) are a high voltage, high
speed 3-phase IGBT driver best suited for AC motor
drive applications. Integrated desaturation logic pro-
vides ground fault protection as well as other mode of
over current protection. Soft shutdown is initiated in
the event of any overcurrent/ground fault conditions,
and all six outputs are simultaneously turned off. Out-
put drivers have separate turn on/off pins to facilitate
independent gate drive impedance with EMI soft turn
on. Optimum matched delays between phases, and
between high/low side enables small deadtime, thus
improving low speed performance. The brake driver
eliminates additional circuits.
IR2137/IR2237(J)(Q)
Data Sheet No. PD60170-G
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.


Similar Part No. - IR2137

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137 IRF-IR2137 Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT Datasheet
86Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
IR2137IGBT IRF-IR2137IGBT_15 Datasheet
90Kb / 9P
IGBT Protection in AC or BLDC Motor Drives
More results

Similar Description - IR2137

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
International Rectifier
IRS2136D IRF-IRS2136D Datasheet
604Kb / 23P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330PBF IRF-IRS2330PBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com