Electronic Components Datasheet Search
  English  ▼

X  

IR2137 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2137
Description  3-PHASE BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2137 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2137 Datasheet HTML 3Page - International Rectifier IR2137 Datasheet HTML 4Page - International Rectifier IR2137 Datasheet HTML 5Page - International Rectifier IR2137 Datasheet HTML 6Page - International Rectifier IR2137 Datasheet HTML 7Page - International Rectifier IR2137 Datasheet HTML 8Page - International Rectifier IR2137 Datasheet HTML 9Page - International Rectifier IR2137 Datasheet HTML 10Page - International Rectifier IR2137 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
IR2137/IR2237(J)(Q)
Lead Definitions
Symbol
Description
VCC
Low side and logic supply voltage
VSS
Logic Ground
HIN1,2,3
Logic inputs for high side gate driver outputs (HOP1,2,3/HON1,2,3, out of phase)
LIN1,2,3
Logic inputs for low side gate driver outputs (LOP1,2,3/LON1,2,3, out of phase)
SD
Logic input for shutdown (hard shutdown, level sensitive signal, negative logic)
ITRIP
Logic input for overcurrent shutdown (soft shutdown, edge sensitive, negative signal)
FLTCLR
Logic input for FAULT clear (edge sensitive, negative signal)
BRIN
Logic input for brake driver, out of phase with BR
FAULT
Fault output indicates over current and desaturation shutdown (open drain)
BR
Brake driver output
COM
Brake driver return
VB1,2,3
High side gate drive floating supply
HOP1,2,3
High side driver pull up output
HON1,2,3
High side driver pull down output
HSSD1,2,3
High side soft shutdown output
DESAT1,2,3
IGBT desaturation protection input
VS1,2,3
High voltage floating supply return
LOP1,2,3
Low side driver pull up output
LON1,2,3
Low side driver pull down output
LSSD1,2,3
Low side soft shutdown output
LS1,2,3
Low side driver returns
Driver Output Circuit Block Diagram
350nsec
Filter
2usec
Blanking
VB
HOP
LOP
DESAT
VS
Soft Shutdown
Impedence =
500 ohms
Soft Shutdown
SSD
Desat Fault
High Side Gate
600nsec
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com