Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 12Page - Monolithic Power Systems MP5048 Datasheet HTML 13Page - Monolithic Power Systems MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
16
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
If VOUT drops below 20% of VIN during start-up
and the power FET current is regulated by the
VCLREF SS limit for the SCP timer, the power FET
turns off and FAULT is pulled low (see Figure 10).
If no fault occurs, the MP5048 follows the normal
start-up sequence, and the voltage rises on the
output of the device based on the SS rate.
t
Turn On SCP Timer
4V
2.4V
3.5µs Hold
7.5µs Hold
MP5048 UVLO
FAULT
VOUT
ON
TIMER
SS Limit
VCLREF
Insertion Delay
VCC
40µA
2µA
VCS
<20% of VIN
4V
3.5µs Hold
Figure 10: MP5048 Turn On SCP Time
An over-current condition occurs if the current
through the MP5048 reaches the configured
threshold and is held for the configured over-
current protection (OCP) time.
When
VCS
reaches
the
CLREF
voltage
(VCLREF_NORM), a 40μA source charges the
capacitor on the TIMER pin. As long as VCS
equals VCLREF, the current charges up the
capacitor. If the voltage on the TIMER pin
reaches the trip threshold (0.6V), the power FET
turns off and the FAULT pin is de-asserted to
indicate OCP has occurred (see Figure 11).
t
FAULT
OCP Delay
TIMER
0.6V
VCLREF_NORM
VCS
VOUT
40µA
Turn Off Here
Figure 11: MP5048 OCP Time
The timer allows the OCP time to be adjusted so
that the system can endure a current transient
event without forcing a shutdown. A current
transient can cause a current that exceeds the
OCP threshold for a small amount of time;
adjusting the timer can accommodate this brief
OC condition.
If a fault occurs, the FAULT pin is pulled low to
indicate a fault condition has occurred. If the
MODE pin is set to auto-retry mode, the MP5048
charges and discharges the TIMER pin nine
times using the same rates as the insertion delay.
After the ninth cycle, the MP5048 automatically
retries a start-up sequence (see Figure 12).
t
FAULT
VOUT
Retry Delay Time
TIMER
4V
2.4V
3.5µs Hold
7.5µs Hold
1
2
2µA
~500nA
200mV
9
Figure 12: MP5048 Auto-Retry
Current Limit at Start-Up
The MP5048 load current is limited by the
current limit reference input and the CS external
resistor. The CS voltage (VCS) is compared to the
current limit reference through an amplifier to
regulate the power FET gate voltage. This
prevents the Intelli-Fuse current from exceeding
the current limit defined by the reference.
The current limit reference voltage is set through
CLREF, which is clamped low internally during
soft start to control VOUT and allow it to ramp up
gradually. Once VOUT is close to VIN, the current
limit reference can be raised to the full current
limit set by the CLREF voltage. At this point, the
power FET gate is fully enhanced, and the e-fuse
is ready to deliver full power from the input.
To protect the MP5048 from overheating during
start-up, the current limit internal maximum
clamp
voltage
and
CS
limit
reference
configuration current change based on VIN and
VOUT (see Figure 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com