Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems MP5048 Datasheet HTML 21Page - Monolithic Power Systems MP5048 Datasheet HTML 22Page - Monolithic Power Systems MP5048 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
19
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
voltage (VGS). If VGS exceeds a fault threshold
voltage, or VDG drops below the fault threshold,
the FAULT signal remains low until the short is
removed.
Gate-Source Short Detection During Start-Up
For gate-source short detection during the FET
turn-on period (if VOUT drops below 90% of VIN
after the internal maximum 200ms soft-start
time), FAULT is pulled low. Remove the short
and cycle the power on VIN or ON to turn on the
fuse again.
Gate-Source or Gate-Drain Short Detection
During Normal Operation
If VOUT exceeds 90% of VIN while the part
operates normally, the Intelli-Fuse detects the
power FET gate-source or gate-drain short by
checking if VCP - VGATE (where VCP is the internal
charge pump voltage) is below 2V after 200ms
(with no other fault occurring). If this occurs,
FAULT is pulled low. Remove the short and
cycle the power on VIN or ON to turn on the fuse
again.
FAULT
Fault is an open-drain, active-low output that
reports faults detected in the IC.
FAULT Reset
If a fault condition occurs, the MP5048 can be
restarted by pulling the ON pin low, then high
again. This clears the fault, and the MP5048
begins the power-on sequence.
VIN Over-Voltage Protection (OVP)
VIN over-voltage protection (OVP) has a fixed
limit of 64V. If this level is reached, the power
FET turns off. If the device is in latch mode, the
fault can be released by cycling the power on
VIN or ON. If the device is set for hiccup mode,
the power FET will not turn on until the input
voltage falls below 60V.
Under-Voltage Lockout (UVLO)
The under-voltage lockout (UVLO) threshold can
be configured using a resistor divider from the
input to the ON pin. The network can be adjusted
by setting the voltage at which the MP5048 is
able to turn on via VIN.
Current-Sense Output (CS)
CS provides a current proportional to the output
current (the current through the power device).
The current-sense
gain is 25μA/A when the
power FET is fully on. There is a resistor (RCS)
connected to CS to form an external voltage. The
CS pin current (ICS) can be estimated with
Equation (3):
ICS = IOUT x 25µA/A
(3)
Calculate the reference voltage with Equation
Equation (4):
VCS = ICS x RCS
(4)
If VCS reaches the CLREF current limit threshold,
the internal circuit regulates the gate voltage to
hold the current in the power FET constant.
Current Monitor Output (IMON)
The current monitor gain
is 25μA/A. There is a
resistor (RIMON) connected from IMON to ground.
The IMON voltage should be between 0V and
2.5V to keep IMON’s output current linearly
proportional to the output current. The current
can be calculated with Equation (5):
IMON = IOUT x 25µA/A
(5)
Estimate the reference voltage with Equation (6):
VIMON = IMON x RIMON
(6)
The MP5048 current monitor output can be used
by the controller to accurately monitor the output
current. Place a 100nF capacitor from IMON to
GND to smooth the indicator voltage.
Temperature-Sense Output (VTEMP)
VTEMP reports the junction temperature when
there is no thermal gradient on the IC. VTEMP
has a voltage output proportional to the junction
temperature when VCC exceeds its under-voltage
lockout (UVLO) threshold and the MP5048 is in
active mode. The VTEMP output voltage is
10mV/°C, and can be calculated with Equation
(7):
VTEMP = (TJUNCTION x 12.1 - 200) mV
(7)
For example, if the junction temperature is 100°C,
the VTEMP voltage is about 1V. If VTEMP is 0V,
the junction temperature is about 0°C. The total
temperature-sense range is between 0°C and
150°C. If the junction temperature drops below
0°C, the VTEMP voltage remains at 0V.
In multi-fuse operation, the VTEMP pins of each
Intelli-Fuse can be connected to the temperature
monitor pin of the controller (see Figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com