Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems MP5048 Datasheet HTML 21Page - Monolithic Power Systems MP5048 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
18
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Where VCLREF_NORM is the CLREF voltage in
normal operation, and GCS is the current-sense
gain when the power FET is fully on (typically
25µA/A).
The FET works in the linear region.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit condition, the current may exceed
the current limit threshold before the hot-swap
control loop can respond. If the Intelli-Fuse
current reaches 26A, a fast turn-off circuit in the
Intelli-Fuse is activated to turn off the power FET.
The total short-circuit response time is about
200ns. The FAULT signal pulls low when the
power FET current reaches the 26A current limit
and asserts low.
If the device is in latch mode, there will be no
retry response after short-circuit detection. The
FAULT pin remains low and the device remains
off. To clear the fault, the ON pin must be pulled
low and then high. This clears the fault condition,
and then the MP5048 initiates a new soft start. If
the short circuit condition is still present, the
device repeats this process. If the short circuit
condition has been removed, the MP5048 ramps
up VOUT following the soft-start ramp.
If the device is in hiccup mode, the retry timer
counts 9 cycles on the timer pin (see Figure 12
on page 17). At the end of the retry timer count,
the MP5048 tries to turn on again. If the short
condition persists, the process continues at the
rate of the retry timer for the hiccup process. If
the short has been removed, the MP5048 ramps
the output voltage up at the SS ramp rate.
VIN Fast Droop
In some conditions with a fast rising current due
to an SCP/OCP condition, the input voltage (VIN)
supply may collapse due to parasitics and PSU
capability.
If VIN decreases rapidly, SCP is triggered. This
may cause the SCP current level at which the
device turns off to be lower than expected. If this
event occurs, the device is re-enabled after an
insertion delay. The delay occurs even if the
device is set to latch-off mode. If the fault
condition is removed on the subsequent start-up,
the device turns on normally. If the fault condition
has not been removed, the device regulates at
the soft-start current limit or SCP condition, and
latches off.
FAULT Report
FAULT is an open-drain, active-low signal to
report fault conditions. FAULT monitors the
following fault events in the Intelli-Fuse:
1.
Over-current protection: If the CS voltage
exceeds the CLREF threshold during normal
operation, the FAULT signal is pulled low after
a configured gate regulation time.
2.
Short-circuit protection: If the Intelli-Fuse load
current reaches 26A quickly, FAULT is pulled
low immediately.
3.
Intelli-Fuse power FET drain-source, gate-
drain, or gate-source short detection: See the
Damaged Intelli-Fuse MOSFET Detection
section below for more details.
4.
Over-temperature
protection
when
the
junction temperature >153°C: If an over-
temperature protection fault is detected,
FAULT is pulled down.
If a latch fault occurs, FAULT is pulled low. The
latch can be released by cycling the power on
VIN or ON.
Damaged Intelli-Fuse MOSFET Detection
Damaged Intelli-Fuse power FET detection
includes FET drain-source short, gate-drain
short, and gate-source short detection. These
conditions are described in greater detail below.
Drain-Source Short Detection During Start-
Up
Once VCC on the Intelli-Fuse exceeds the under-
voltage lockout (UVLO) rising threshold, the
Intelli-Fuse starts to detect the drain-source
short during start-up. In this instance, it treats
any output voltage that exceeds 90% of VIN
during start-up as a short on the FET. The
FAULT signal remains low when the Intelli-Fuse
detects that VOUT has exceeded 90% of VIN
during start up. Once the short is removed and
the Intelli-Fuse detects that VOUT is once again
below 70% of VIN, the FAULT signal is released
to high again, and the MP5048 starts up normally.
Gate-Drain Short Detection During Start-Up
During power-up, the Intelli-Fuse detects a
power FET gate-drain short by monitoring its
drain-to-gate voltage (VDG) and gate-to-source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com