Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems MP5048 Datasheet HTML 21Page - Monolithic Power Systems MP5048 Datasheet HTML 22Page - Monolithic Power Systems MP5048 Datasheet HTML 23Page - Monolithic Power Systems MP5048 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
20
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
VTEMP OUT
GND
VIN
MP5048
VIN
VTEMP OUT
GND
VIN
MP5048
VTEMP
Temperature
ADC
Controller
VOUT
Figure 15: Multi-Fuse Temperature-Sense
Utilization during Parallel Operation
Current Balance for Parallel Operation
Multiple MP5048 devices can be used in parallel
for
high-current
applications.
The
current
balance loop in the MP5048 balances the start-
up current per active channel. All IMON pins
must be connected together.
The sensed currents from each active MP5048
IMON are summed together and divided by the
number
of
active
channels.
The resulting
average load current provides a measure of the
total load current.
The MP5048 current balance is achieved by
comparing the sensed current of CS pin in each
MP5048 to the average current, to make an
appropriate adjustment to the power FET gate
voltage of each Intelli-Fuse during start-up. The
equivalent average IMON resistor can be
calculated by RCS / N, where N is the number of
active MP5048 devices (see Figure 16).
MP5048
MP5048
MP5048
IMON
IMON
GND
CS
IMON
RCS
GND
CS
RCS
GND
CS
RCS
N
R
R
CS
IMON_AVG 
RIMON
RIMON
RIMON
RIMON = RCS
Figure 16: Multi-MP5048 IMON and CS
Connections in Parallel Application
The start-up current balance is essential in
achieving the thermal advantage of parallel
operation. With good current balance, the power
loss is dissipated equally over multiple devices
and a greater area.
MP5920 Controller and MP5048
The MP5048 can be combined with the MP5920
to provide PMBus telemetry, power sequencing,
and black box capabilities (see Figure 17).
MP5920
VIN
VOUT
VCC
CLREF
TEMP
SDA
SCL
ALERT#
VOSEN
GND
IMON
GOK
ON
VINSEN
MP5048
VIN
VOUT
ON
IMON
FAULT
VCC
CLREF
VTEMP
SS
GND
CS
TIMER
Pull up
3V
Intelli-Phase
TM
Pull up
TVS
EN
VDD3
ADDR
RESET
EN
LDO
3V
3.3V SYSTEM
POWER
Figure 17: MP5048 and MP5920 Operation
Using the internal 3V LDO, the MP5920 can be
powered directly by the MP5048, which allows
for power sequencing when only 48V is available.
The 3V LDO can be used as a bootstrap source
to power on the MP5920, but it cannot be used
for continuous operation. It is expected that a
3.3V source will power the MP5920 device after
initial start-up. The 3V LDO can be connected to
the main system 3.3V supply through a diode.
This disables current drawing from the internal
3V LDO, and uses the system
’s 3.3V to power
the MP5920.
Maximum Output Current
Figure 18 shows the case temperature rise vs.
the output current at different air conditions.
Figure 18: MP5048 Output Current vs.
Temperature Rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com