Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5048 Datasheet HTML 1Page - Monolithic Power Systems MP5048 Datasheet HTML 2Page - Monolithic Power Systems MP5048 Datasheet HTML 3Page - Monolithic Power Systems MP5048 Datasheet HTML 4Page - Monolithic Power Systems MP5048 Datasheet HTML 5Page - Monolithic Power Systems MP5048 Datasheet HTML 6Page - Monolithic Power Systems MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
5
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 18
VIN
System input power supply. The MP5048 operates from a 24V to 60V input rail.
3
–17
VOUT
Output voltage controlled by the IC. VOUT is connected to the source of the integrated
MOSFET.
19
CS
Current-sense output. CS requires an external resistor. The CS voltage (VCS) is compared
to CLREF to determine the current limit.
20
IMON
Current monitor output. The output current is proportional to the current flowing through
the power device. Place a resistor (RIMON) to GND to set the output gain.
21
SS
Soft-start set. An external capacitor connected to SS sets the output voltage soft-start
time. The internal circuit controls the slew rate of the output voltage during start-up.
22
FAULT
Fault indication. Open-drain output. FAULT indicates that a fault condition has occurred.
23
TIMER
Timer set. An external capacitor sets the insertion delay, over-current protection (OCP)
delay time, and the retry time.
24
CLREF
Current-limit reference voltage input. The CLREF pin sets the voltage reference for the
over-current prtotection (OCP) level. Connect a resistor to GND, or drive via an external
source.
25
GND
Ground.
26
ON
Power FET on/off control. Drive the ON pin high to enable the MP5048.
27
3V
Internal 3V LDO output. Place a 2.2µF decoupling capacitor close to 3V and GND.
28
VCC
Internal 4.5V LDO output. VCC can be driven with an external 4.5V to reduce loss from
VIN. Place a 2.2µF decoupling capacitor close to VCC and GND.
29
VTEMP
Junction temperature sense output. Output of the internal temperature sensor
30
MODE
Latch or hiccup operation. When the MODE pin is pulled high, the part latches off if a
fault occurs. It can be configured to latch-off mode by pulling the MODE pin up to 5V
externally, or floating this pin since MODE is internally pulled up. When MODE is pulled
low externally, the part operates in auto-retry mode.
ABSOLUTE MAXIMUM RATINGS (1)
VIN(DC) ... .........................................-0.3V to +65V
VIN(25ns) ......................................................... 72V
VOUT............................................... -0.3V to +65V
All other pins............................... -0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
……………………………………………….5.58W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +155°C
Recommended Operating Conditions (3)
Input voltage operating range .......... 24V to 60V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-30 (5mmx5mm)...………22.4
……9.6..°C/W
Notes:
1) Exceeding these ratings may damage the MP5048.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the MP5048 from permanent
damage.
3) The MP5048 is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com