Electronic Components Datasheet Search
  English  ▼

X  

MP5048 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5048 Datasheet HTML 1Page - Monolithic Power Systems MP5048 Datasheet HTML 2Page - Monolithic Power Systems MP5048 Datasheet HTML 3Page - Monolithic Power Systems MP5048 Datasheet HTML 4Page - Monolithic Power Systems MP5048 Datasheet HTML 5Page - Monolithic Power Systems MP5048 Datasheet HTML 6Page - Monolithic Power Systems MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP5048
60V, 15A, 7m
Ω RDS(ON)
Hot-Swap Intelli-Fuse Solution
MP5048 Rev. 1.1
www.MonolithicPower.com
1
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The
MP5048
is
a
monolithic,
integrated
controller and switch. It contains a high-side
MOSFET and circuitry that enable it to operate
as a standalone device, or to be controlled by a
hot-swap controller. The MP5048 is capable of
driving up to 15A of continuous current per
MP5048 device.
The device limits the inrush current to the load
when a circuit card is inserted into a live
backplane
power
source.
This
limits
the
backplane
’s voltage drop. The MP5048 also
limits the internal MOSFET current by controlling
the
gate
voltage
through
the
current-limit
reference input.
The MP5048 offers many features to simplify the
system design. It provides an integrated solution
to monitor the output current and the die
temperature, eliminating the need for an external
current-sense power resistor, power MOSFET,
or thermal sense.
The MP5048 detects the power FET gate,
source, and drain short conditions, and provides
feedback for the controller. The device can be
paralleled for higher current applications.
The
MP5048
is
available
in
an
QFN-30
(5mmx5mm) package.
FEATURES
 24V to 60V Operating Input Range
 Maximum 15A Output Current
 Integrated 7mΩ Power FET
 Built-In MOSFET Driver
 Integrated Current Sensing with Sense
Output
 Separate Current Sensing Output Used to
Configure the Over-Current Value
 Built-In Soft Start and Insertion Delay
 Output Short-Circuit Protection
 Over-Temperature Protection
 Built-In Fuse Health Diagnostics
 Fault Signal Output
 Parallel Operation for Higher Current
Applications
 Integrated Intelli-Fuse Temperature Sense
 Output Voltage Power-Down Control
 Available in an QFN-30 (5mmx5mm)
Package
APPLICATIONS
 Industrial Applications
 Servers
 Networking
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP5048

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP504 MCC-MP504 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP504 MCC-MP504 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP504 LRC-MP504 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP504 SHUNYE-MP504 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
MP504 SHUNYE-MP504 Datasheet
164Kb / 2P
PRESS-FIT MOTOROLA DIODES
More results

Similar Description - MP5048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Texas Instruments
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
logo
Richtek Technology Corp...
RT1720 RICHTEK-RT1720 Datasheet
1Mb / 19P
60V Hot Swap Controller with Fault Timer
logo
Texas Instruments
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Monolithic Power System...
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com