Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP7758GF Datasheet HTML 13Page - Monolithic Power Systems MP7758GF Datasheet HTML 14Page - Monolithic Power Systems MP7758GF Datasheet HTML 15Page - Monolithic Power Systems MP7758GF Datasheet HTML 16Page - Monolithic Power Systems MP7758GF Datasheet HTML 17Page - Monolithic Power Systems MP7758GF Datasheet HTML 18Page - Monolithic Power Systems MP7758GF Datasheet HTML 19Page - Monolithic Power Systems MP7758GF Datasheet HTML 20Page - Monolithic Power Systems MP7758GF Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
17
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Delay Time for Input Signal Absence
Reporting
The delay time can be calculated with Equation
(4):
 
8
DELAY
R
t
1.6 10
C sec
(4)
Selecting the Output EMI Filter
The magnetic bead capacitor filter converts the
pulses at SW to the output voltage that drives
the speaker. Both the PVCC line and output
current flow require magnetic beads to prevent
large radiation from the high slew rate pulses.
Magnetic beads with a higher impedance result
in improved EMI performance.
Selecting the Input Coupling Capacitor
The input coupling capacitor transmits the AC
signal from the source to the MP7758 while
blocking the DC voltage. Choose an input
coupling
capacitor
such
that
the
corner
frequency
(fIN)
is
below
the
passband
frequency.
The
corner
frequency
can
be
estimated with Equation (5):
IN
IN
IN
1
f
2
R
C
 
(5)
The impedance of the input resistor changes
with the gain setting. At the same gain setting,
the input impedance between different parts
may shift by ±20% due to shifts in the actual
resistance of the input resistors. However, the
gain variation between parts is minimal.
For design purposes, the input network should
be designed assuming an input impedance of
16
kΩ (the MP7758’s absolute minimum input
impedance). At lower gain settings, the input
impedance can be as high as 90
kΩ.
Setting the Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source. A
high power supply voltage can deliver more
power to a given load resistance, but a power
source voltage that exceeds the maximum
voltage (about 18V) can damage the MP7758.
The
MP7758
’s power supply rejection is
excellent. However, power supply noise can
pass to the output, so considerations must be
made to minimize power supply noise within the
passband
frequencies.
Bypass
the
power
supply
with
a
large
capacitor
(typically
aluminum electrolytic) along with two smaller
1μF and 1nF ceramic capacitors at the VCC
supply pins.
Electromagnetic Interference (EMI)
Considerations
Due
to
the
switching
nature
of
class-D
amplifiers, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. Optimal component selection and
careful attention to the circuit layout can
minimize the effects of EMI due to the amplifier
switching.
The magnetic beads block radiated emissions
from
the
SW
nodes.
For
the
best
EMI
performance,
use
high-current
and
high-
impedance magnetic beads.
Murata’s NFZ2M
series Class-D EMI filter is well-suited to work
with the PVCC and four SW outputs.
Minimize the size of the high-current loops that
carry rapidly changing currents. Ensure that the
VCC bypass capacitors are as close to the
MP7758 as possible.
Nodes that carry rapidly changing voltage (e.g.
the SW node) must be as small as possible. If
sensitive traces run near a trace connected to
SW, place a ground shield between the traces.
The
MP7758
’s
evaluation
board
passed
CISPR22 Class B standard with stereo full
power output (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com