Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP7758GF Datasheet HTML 10Page - Monolithic Power Systems MP7758GF Datasheet HTML 11Page - Monolithic Power Systems MP7758GF Datasheet HTML 12Page - Monolithic Power Systems MP7758GF Datasheet HTML 13Page - Monolithic Power Systems MP7758GF Datasheet HTML 14Page - Monolithic Power Systems MP7758GF Datasheet HTML 15Page - Monolithic Power Systems MP7758GF Datasheet HTML 16Page - Monolithic Power Systems MP7758GF Datasheet HTML 17Page - Monolithic Power Systems MP7758GF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
14
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP7758 is a fully integrated class-D stereo
BTL audio amplifier. The switching class-D
output
stage
provides
reduced
power
dissipation when compared to class-A, class-B
or class-A/B amplifiers, while maintaining high
fidelity and low distortion.
The amplifier has fully differential outputs and
inputs. The differential input minimizes common
mode noise (any noise that appears on both
input lines of the channel). The MP7758 can
also be used with a single-ended input.
The
MP7758
includes
eight
high-power
MOSFETs. For each half-bridge channel, the
output
driver
stage
uses
two
N-channel
MOSFETs to deliver the pulses to the magnetic
bead and capacitor output filter. This process
drives the load.
To fully enhance the high-side MOSFET (HS-
FET), the gate is driven to a voltage above the
source via the bootstrap capacitor placed
between the OUTxx and BSTxx pins. While the
output is driven low, the bootstrap capacitor is
charged from a power supply through an
internal circuit.
The gate of the HS-FET is driven high from the
voltage at the bootstrap supply, forcing the
MOSFET gate to a voltage above the power
supply voltage. This allows the MOSFET to fully
turn on, reducing power loss in the amplifier.
The gain of the MP7758 is set by the input
terminals (GAIN0 and GAIN1). The actual gain
settings are controlled by the ratios of the input
and feedback resistors
Enable (EN) Function
The MP7758 EN input is an active high enable
control pin. To enable the MP7758, drive the
EN pin to 2.0V or higher. To disable the
amplifier, drive EN below 0.4V. While the
MP7758 is disabled, the PVCC operating
current is about 250
μA, and the output driver
MOSFETs are turned off.
Absent Input Signal Detection
The MP7758 includes an internal circuit that
automatically shuts down the system after
detecting the absence of an audio signal. This
feature is used for energy-using products and
battery-operated applications.
The MP7758 includes a delay circuit that allows
the IC to hold the flag after the absence of the
audio signal. This holding time can be adjusted
with an external capacitor. Two absent input
scenarios are described in further detail below:
The input absence flag is initially high at
start-up. After the device is enabled, the
internal circuit starts to detect the input
signal. The MP7758 holds the output report
and normal operation for a delay time. This
time can be adjusted by the CAP_D
capacitor. Then the MP7758 turns off all
the MOSFETs. The input absence output is
pulled low until the input signal is detected
again (see Figure 2).
EN
Audio
Signal Input
InAbsence
Output
Enable
No Input Signal Detected
Delay Time
SW
PVCC
Start-
Up
Signal
Detected
Figure 2: Enable On (No Signal Detected)
The input absence flag output stays high or
is pulled high when an input signal is
detected. The delay circuit is only activated
when the input signal is absent. The
MP7758 holds the output report for a delay
time that can be adjusted by the CAP_D
capacitor. Then the MP7758 turns off the
all MOSFETs. The input absence output is
pulled low until the input signal is detected
again (see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com