Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7758GF Datasheet HTML 1Page - Monolithic Power Systems MP7758GF Datasheet HTML 2Page - Monolithic Power Systems MP7758GF Datasheet HTML 3Page - Monolithic Power Systems MP7758GF Datasheet HTML 4Page - Monolithic Power Systems MP7758GF Datasheet HTML 5Page - Monolithic Power Systems MP7758GF Datasheet HTML 6Page - Monolithic Power Systems MP7758GF Datasheet HTML 7Page - Monolithic Power Systems MP7758GF Datasheet HTML 8Page - Monolithic Power Systems MP7758GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
5
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VCC) .....................-0.3V to +20V
VSW............................................. -1V to VCC + 1V
VEN, V/FAULT, VGAIN, VINABSENCE……………………
………………………………. - 0.3V to VCC + 0.3V
BS Voltage VBST ..............VSW - 0.3V to VSW + 6V
VPLIMIT ............................... -0.3V to VAVCC + 0.3V
VINXX .............................................-0.3V to +6.5V
AGND to PGND ...........................-0.3V to +0.3V
Continuous power dissipation (TA = 25°C) (2)
………………………………………………...3.9W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM) ............... ±1.5kV
Recommended Operating Conditions (3)
Supply voltage (VCC) ...........................5V to 18V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA θJC
TSSOP-28 EP...........................32......6.....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable
power
dissipation
can
cause
excessive
die
temperature, and the regulator may go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com