Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP7758GF Datasheet HTML 3Page - Monolithic Power Systems MP7758GF Datasheet HTML 4Page - Monolithic Power Systems MP7758GF Datasheet HTML 5Page - Monolithic Power Systems MP7758GF Datasheet HTML 6Page - Monolithic Power Systems MP7758GF Datasheet HTML 7Page - Monolithic Power Systems MP7758GF Datasheet HTML 8Page - Monolithic Power Systems MP7758GF Datasheet HTML 9Page - Monolithic Power Systems MP7758GF Datasheet HTML 10Page - Monolithic Power Systems MP7758GF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
7
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (7)
VCC = 18V, gain = 20dB, VEN = 5V, RLOAD = 8Ω + 66µH, TA = 25°C, unless otherwise noted. For
more details, see Figure 7 on page 19.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power output
f = 1kHz, THD+N = 10%, VCC = 18V
20
W
f = 1kHz, THD+N = 10%, VCC = 16V
15
f = 1kHz, THD+N = 10%, VCC = 12V
9.5
THD+noise
POUT = 5W, f = 1kHz, VCC = 12V
0.5
%
POUT = 15W, f = 1kHz, VCC = 18V
0.5
%
Efficiency
POUT = 9.5W + 9.5W, THD+N = 10%,
VCC = 12V, 1kHz, RLOAD =
8Ω
90
%
Dead time
IO=0.5A
40
ns
Cross talk
VO = 1Vrms, f = 217Hz
-110
dB
Noise floor
A-Weighted, 22 Hz to 22 kHz
115
μV
Signal-to-noise ratio
f = 1kHz, THD+N = 1%, A-Weighted
100
dB
Power supply rejection
VRIPPLE = 300mVPP,
Inputs AC-coupled to
AGND
f = 1kHz
-60
dB
f = 217Hz
-70
dB
Note:
7) The operating specifications are for the IC set-up in the Typical Application Circuit on page 19. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com