Electronic Components Datasheet Search
  English  ▼

X  

MP7758GF Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP7758GF
Description  18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7758GF Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP7758GF Datasheet HTML 14Page - Monolithic Power Systems MP7758GF Datasheet HTML 15Page - Monolithic Power Systems MP7758GF Datasheet HTML 16Page - Monolithic Power Systems MP7758GF Datasheet HTML 17Page - Monolithic Power Systems MP7758GF Datasheet HTML 18Page - Monolithic Power Systems MP7758GF Datasheet HTML 19Page - Monolithic Power Systems MP7758GF Datasheet HTML 20Page - Monolithic Power Systems MP7758GF Datasheet HTML 21Page - Monolithic Power Systems MP7758GF Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP7758
– 18V, 2x15W, STEREO BTL, INDUCTORLESS CLASS-D AUDIO AMPLIFIER
MP7758 Rev. 1.0
www.MonolithicPower.com
18
12/3/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Figure 6: EMI Test Data of the MP7758 Evaluation Board (8)
Note:
8)
Testing conditions: 10 meter EMI chamber, 1.2 meter twist speaker cable, MP7758 evaluation board stereo test. VDD = 12V, Load = 8
Ω
+ 66µH, POUT = 9.5W x 2, 1kHz signal.
PCB Layout Guidelines
Circuit layout is critical for optimal performance,
low output distortion, and noise. For the best
results, duplicate the evaluation board layout,
refer to Figure 7, and follow the guidelines
below:
1. Place the bootstrap capacitor (CBS) as close
to the BST and SW pins as possible. The
capacitor supplies the gate drive current to
the internal high-side MOSFET (HS-FET).
2. Place the power supply bypass capacitor
(CBYP) as close to the PVCC pins as
possible to prevent excessive output noise
and avoid overstressing the MP7758. The
capacitors carry the transient current for the
switching power stage.
3. Keep the magnetic bead capacitor filter
close to the magnetic bead. The filter
converts the pulse train at SW to the output
voltage that drives the speaker.
4. Ensure that any traces carrying the switch
node (SW) voltages are routed far from any
input signal traces. If the trace must run
near the SW trace near the input, shield the
input with a ground plane between the
traces. Physically separate each channel to
prevent crosstalk.
5. Route each power supply from the source to
each channel individually, and not serially.
This prevents channel-to-channel coupling
through the power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com