Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP86920 Datasheet HTML 1Page - Monolithic Power Systems MP86920 Datasheet HTML 2Page - Monolithic Power Systems MP86920 Datasheet HTML 3Page - Monolithic Power Systems MP86920 Datasheet HTML 4Page - Monolithic Power Systems MP86920 Datasheet HTML 5Page - Monolithic Power Systems MP86920 Datasheet HTML 6Page - Monolithic Power Systems MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
2
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP86920GLV
LGA-27 (4mmx5mm)
See Below
3
* For Tape & Reel, add suffix
–Z (e.g. MP86920GLV–Z).
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
M86920: Part number
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
LGA-27 (4mmx5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com